Electronic Components Datasheet Search
  English  ▼

X  

ADF41513 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF41513
Description  Integer N/Fractional-N, PLL Synthesizer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 6Page - Analog Devices ADF41513 Datasheet HTML 7Page - Analog Devices ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices ADF41513 Datasheet HTML 10Page - Analog Devices ADF41513 Datasheet HTML 11Page - Analog Devices ADF41513 Datasheet HTML 12Page - Analog Devices ADF41513 Datasheet HTML 13Page - Analog Devices ADF41513 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ADF41513
Preliminary Technical Data
Rev. PrL | Page 10 of 33
–180
–160
–140
–120
–100
–80
–60
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
INT = 1pF
INT = 6.8pF
INT = 10pF
INT = 15pF
INT = 22pF
Figure 10. 5700 MHz Phase Noise vs. Offset Frequency at Various DC Block
Capacitor Values, Integer Mode
–170
–150
–130
–100
–90
–70
–50
–30
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
0dBm
4dBm
8dBm
–4dBm
–8dBm
–12dBm
–16dBm
–20dBm
Figure 11. 15 GHz Phase Noise vs. Offset Frequency at Various REFIN Powers,
Fractional-N Mode, PFD = 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com