Electronic Components Datasheet Search
  English  ▼

X  

ADF41513 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF41513
Description  Integer N/Fractional-N, PLL Synthesizer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 20Page - Analog Devices ADF41513 Datasheet HTML 21Page - Analog Devices ADF41513 Datasheet HTML 22Page - Analog Devices ADF41513 Datasheet HTML 23Page - Analog Devices ADF41513 Datasheet HTML 24Page - Analog Devices ADF41513 Datasheet HTML 25Page - Analog Devices ADF41513 Datasheet HTML 26Page - Analog Devices ADF41513 Datasheet HTML 27Page - Analog Devices ADF41513 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
ADF41513
Preliminary Technical Data
Rev. PrL | Page 24 of 33
REGISTER 6 (R6) MAP
Bleed Current
Register 6, Bits[31:24] set the bleed current. The optimum bleed
current is set by
Bleed Current (µA) = (1.8 ×10−9 + (7/fRF)) × (ICP × fPFD) × 106
(6)
where:
fRF is the RF signal frequency in Hz.
ICP is the charge pump current in A.
fPFD is the PFD frequency in Hz.
Bleed Polarity
Register 6, Bit 23 controls the polarity of the bleed current.
Negative polarity is the typical usage.
Bleed Enable
In fractional mode of operation, charge pump linearity and,
ultimately, phase noise and spurious performance, is much
better if the VCO and reference inputs to the phase detector
operate with a phase offset. This phase offset is implemented by
adding a constant bleed current at the output of the charge
pump. Use bleed only when operating in fractional-N mode,
that is FRAC1 or FRAC2 not equal to 0. Set Register 6, Bit 22 =
1 to enable bleed.
INT Mode
Register 6, Bit 20 completely disables the fractional-N Σ-Δ
modulator (SDM). Setting Register 6, Bit 20 = 1 disables the
SDM so the ADF41513 operates purely in integer N mode.
Disabling the SDM improves phase noise performance and
changes the frequency resolution to fPFD.
ABP
Register 6, Bit 19 affects the antibacklash pulse width.
Recommended setting for best figure of merit (FOM) is narrow
(Register 6, Bit 19 = 1).
Loss of Lock (LOL) Enable
When loss of lock is enabled, if digital lock detect is asserted,
and the reference signal is removed, digital lock detect goes low.
Set Register 6, Bit 18 = 1 to enable loss of lock (recommended).
Sigma-Delta (SD) Reset
When Register 6, Bit 17 = 0 on a write to Register 0, the SDM is
temporarily set to a fractional value of 0. The SD reset ensures a
consistent fractional spur pattern but also results in a glitch in
the output frequency when the N divider momentarily outputs
FRAC = 0. Remove this glitch by setting Register 6, Bit 17 = 1
(recommended setting).
CP Tristate
When Register 6, Bit 16 = 0, the phase detector operates but the
charge pump output is tristate.
Lock Detect Precision (LDP)
Register 6, Bits[9:8] and Register 9, Bits[31:30] control the
sensitivity of the digital lock detector. Lock detect precision
(Register 6, Bits[9:8]) in conjunction with lock detector bias
(Register 9, Bits[31:30]) adjusts the width of the digital lock
detector window. Lock is declared when the PFD reference
arrival time and divided VCO input arrival times consistently
differ by less than the LDP value. Small LDP settings may cause
a false out of lock indication when used with large bleed
currents. See the Lock Detector section for more information.
Phase Detector (PD) Polarity
If using a noninverting loop filter and a VCO with a positive
tuning slope, set PD polarity to positive.
If using an inverting loop filter and a VCO with a negative
tuning slope, set PD polarity to positive.
If using a noninverting loop filter and a VCO with a negative
tuning slope, set PD polarity to negative.
If using an inverting loop filter and a VCO with a positive
tuning slope, set PD polarity to negative.
Power Down
Set Register 6, Bit 6 = 1 to perform a software power-down. All
circuit blocks are disabled and the chip enters a low power state
drawing approximately 3 mA. Set Register 6, Bit 6 = 0 to reenable
the chip. Register values are not lost during power-down. Only
one power-down mode is available via Register 11, Bit 31. Set
Register 11, Bit 31 = 1 to leave the internal 1.8 V N divider
regulator on during power-down.
CP Three-State
Setting Register 6, Bit 5 = 1 tristates the charge pump output.
Set Register 5, Bit 5 = 0 for normal operation.
Counter Reset
Setting Register 6, Bit 4 = 1 holds the N divider and R counter
in reset. For example, there are no signals going to the PFD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com