Electronic Components Datasheet Search
  English  ▼

X  

ADF41513 Datasheet(PDF) 25 Page - Analog Devices

Part # ADF41513
Description  Integer N/Fractional-N, PLL Synthesizer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 21Page - Analog Devices ADF41513 Datasheet HTML 22Page - Analog Devices ADF41513 Datasheet HTML 23Page - Analog Devices ADF41513 Datasheet HTML 24Page - Analog Devices ADF41513 Datasheet HTML 25Page - Analog Devices ADF41513 Datasheet HTML 26Page - Analog Devices ADF41513 Datasheet HTML 27Page - Analog Devices ADF41513 Datasheet HTML 28Page - Analog Devices ADF41513 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Preliminary Technical Data
ADF41513
Rev. PrL | Page 25 of 33
BLEED CURRENT
BC7
BC8
BC6 BC5 BC4
BC3 BC2
BC1 BP1
BE1
IM1
A1
LOL1 SD1
1
0
LDP1 PP1
PD
C31
CR1
FUNCTION REGISTER (R6)
RESERVED
CONTROL
BITS
PP1
PD POLARITY
0
NEGATIVE
1
POSITIVE
LDP2
LDP
0
4.3ns
1
1.7ns
SD1
SD RESET
0
RESET ON R0 WRITE
1
NO RESET
CR1
COUNTER
RESET
0
DISABLED
1
ENABLED
C31
CP
THREE-STATE
0
DISABLED
1
ENABLED
L1
LOL
0
DISABLED
1
ENABLED
0
BLEED POLARITY
0
NEGATIVE
1
POSITIVE
0
BLEED ENABLE
0
DISABLED
1
ENABLED
A1
ABP
0
WIDE
1
NARROW
IM1
INT MODE
0
SD ON (FRAC-N)
1
SD OFF (INT-N)
BC8
BC7
...
BC2
BC1
BLEED
CURRENT (µA)
0
0
...
0
0
0
0
0
...
0
1
3.75
0
0
...
1
0
7.5
0
0
...
1
1
11.25
.
.
...
.
.
.
.
.
...
.
.
.
.
.
...
.
.
.
1
1
...
0
0
945
1
1
...
0
1
948.75
1
1
...
1
0
952.5
1
1
...
1
1
956.25
0
0
0
0
LDP2
LDP1
0
0
1
0
1
1
2.8ns
0.9ns
0
R9[31] R9[30]
0
0
0
0
0
0
0
0
5.2ns
2.1ns
3.5ns
1.2ns
7.0ns
2.9ns
4.7ns
1.6ns
11.5ns
4.9ns
7.9ns
2.8ns
0
1
0
0
1
0
1
1
0
1
0
0
1
0
1
1
0
1
0
0
1
0
1
1
0
1
0
1
0
1
0
1
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
CP1
CP1
CHARGE PUMP
TRISTATE
0
OFF
1
ON
POWER DOWN
NORMAL OPERATION
PD
0
1
POWER-DOWN DEVICE
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7 DB6
DB5 DB4
DB3 DB2
DB1 DB0
C3(1)
C4(0)
C2(1) C1(0)
Figure 27. Register 6 (R6) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com