Electronic Components Datasheet Search
  English  ▼

X  

HMC830 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC830
Description  Fractional-N PLL with Integrated VCO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC830 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC830 Datasheet HTML 2Page - Analog Devices HMC830 Datasheet HTML 3Page - Analog Devices HMC830 Datasheet HTML 4Page - Analog Devices HMC830 Datasheet HTML 5Page - Analog Devices HMC830 Datasheet HTML 6Page - Analog Devices HMC830 Datasheet HTML 7Page - Analog Devices HMC830 Datasheet HTML 8Page - Analog Devices HMC830 Datasheet HTML 9Page - Analog Devices HMC830 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC830LP6GE
v03.0512
Fractional-n Pll with integrated Vco
25 - 3000 Mhz
Figure 7. integrated rMS Jitter[1]
[1] rMs Jitter data is measured in fractional mode with 100 khz Loop bandwidth using 50 Mhz reference frequency from 1 khz to 20 Mhz
integration bandwidth.
[2] Measured from a 50 Ω source with a 100 Ω external resistor termination. see
PLL with integrated rF VCOs Operating guide
reference input stage section for more details. Full FOM performance up to maximum 3.3 Vpp input voltage.
50
100
150
200
250
300
10
100
1000
10000
-40C
27C
85C
OUTPUT FREQUENCY (MHz)
-10
-5
0
5
10
10
100
1000
10000
Gain Setting 11
Gain Setting 10
Gain Setting 01
Gain Setting 00
OUTPUT FREQUENCY (MHz)
-240
-230
-220
-210
-200
10
2
10
3
10
4
10
5
10
6
FREQUENCY OFFSET (Hz)
FOM Floor
FOM 1/f Noise
Typ FOM vs Offset
Figure 8. Figure of Merit
Figure 9. typical output Power
Figure 10. typical output Power vs.
temperature, Maximum gain
-30
-25
-20
-15
-10
-5
0
10
100
1000
10000
OUTPUT FREQUENCY (MHz)
Figure 11. rF output return loss
220
222
224
226
228
230
232
234
-15
-12
-9
-6
-3
0
3
14 MHz Square Wave
25 MHz Square Wave
50 MHz Square Wave
100 MHz Square Wave
REFERENCE POWER (dBm)
Figure 12. reference input Sensitivity,
Square wave, 50 Ω [2]
0
2
4
6
8
10
10
100
1000
10000
27 C
-40 C
85 C
OUTPUT FREQUENCY (MHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com