Electronic Components Datasheet Search
  English  ▼

X  

HMC830 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC830
Description  Fractional-N PLL with Integrated VCO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC830 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC830 Datasheet HTML 6Page - Analog Devices HMC830 Datasheet HTML 7Page - Analog Devices HMC830 Datasheet HTML 8Page - Analog Devices HMC830 Datasheet HTML 9Page - Analog Devices HMC830 Datasheet HTML 10Page - Analog Devices HMC830 Datasheet HTML 11Page - Analog Devices HMC830 Datasheet HTML 12Page - Analog Devices HMC830 Datasheet HTML 13Page - Analog Devices HMC830 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
HMC830LP6GE
v03.0512
Fractional-n Pll with integrated Vco
25 - 3000 Mhz
outline drawing
Part number
Package Body Material
Lead Finish
MsL rating
Package Marking [1]
hMC830LP6ge
rohs-compliant Low stress injection Molded Plastic
100% matte sn
MsL1
h830
XXXX
[1] 4-digit lot number XXXX
Package information
nOtes:
1. PaCKage BOdY MateriaL: LOw stress inJeCtiOn MOLded PLastiC siLiCa
and siLiCOn iMPregnated.
2. Lead and grOUnd PaddLe MateriaL: COPPer aLLOY.
3. Lead and grOUnd PaddLe PLating: 100% Matte tin.
4. diMensiOns are in inChes [MiLLiMeters].
5. Lead sPaCing tOLeranCe is nOn-CUMULatiVe.
6. Pad BUrr Length shaLL Be 0.15mm MaX. Pad BUrr height shaLL Be 0.25mm
MaX.
7. PaCKage warP shaLL nOt eXCeed 0.05mm.
8. aLL grOUnd Leads and grOUnd PaddLe MUst Be sOLdered tO PCB rF
grOUnd.
9. reFer tO hittite aPPLiCatiOn nOte FOr sUggested PCB Land Pattern.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com