Electronic Components Datasheet Search
  English  ▼

X  

VSC6511 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC6511
Description  SMPTE-292M Serializer, Deserializer, and Deserializer/Reclocker at 1.485Gb/s
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6511 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC6511 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
Deserializer/Reclocker at 1.485Gb/s
SMPTE-292M Serializer, Deserializer, and
VSC6511
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
4/10/00
G52311-0, Rev 2.0
Table 1: Frame Aligner Output Timing
D[19:0] Databus
As mentioned previously, in Serializer mode D[19:0] is configured as a input. In Deserializer mode,
D[19:0] is configured as an output.
Application Information
The VSC6511 cable driver output is intended to fully comply with the SMPTE-292M cable driver specifi-
cations. This includes an 800mV swing and a return loss of more than 15dB. The circuit shown below shows
how to connect the output of the VSC6511 to the 75 ohm cable and downstream device. The output of the
VSC6511 is actually 1200mV. The output termination circuit shown below attenuates the output signal to
800mV and ensures a return loss better than -15dB. The ISET resistor is 1.78K
D10-19
D0-9
LINE
FRAME
HANC
CRCERR
DATA
DATA
0
0
0
0
---
---
0
0
0
0
DATA
DATA
0
0
0
0
3FF
3FF
00
00
000
000
00
00
000
000
00
00
XYZ
XYZ
0
0
0
0
LN0
LN0
00
00
LN1
LN1
11*0
0
CRC0
CRC0
0
0
0
0
CRC1
CRC1
0
0
0
0 or 1
DATA
DATA
0
0
1
0
---
---
0
0
1
0
DATA
DATA
0
0
1
0
3FF
3FF
00
00
000
000
00
00
000
000
00
00
XYZ
XYZ
0
0
0
0
DATA
DATA
0
0
0
0
DATA
DATA
0
0
0
0
---
---
0
0
0
0
* FRAME is HIGH only if LN0/LN1 indicates the first line of a frame.
** CRCERR is HIGH only during CRC1 if the CRC is incorrect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com