Electronic Components Datasheet Search
  English  ▼

X  

VSC6511 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC6511
Description  SMPTE-292M Serializer, Deserializer, and Deserializer/Reclocker at 1.485Gb/s
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6511 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC6511 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
4/10/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC6511
Deserializer/Reclocker at 1.485Gb/s
SMPTE-292M Serializer, Deserializer, and
G52311-0, Rev. 2.0
Features
General Description
The VSC6511 multi function SMPTE-292M compatible IC with Serializer, Deserializeror, or Deserializer
with reclocker modes which operate at 1.485Gb/s. As a Serializer, 20-bits of data (D19:0) are latched into the
part on the rising edge of REFCLK then scrambled and serialized out SDO0/SDO0 and/or SDO1/SDO1. An
optional CRC Generator may be enabled. As a Deserializer, serial data on SDI/SDI is recovered, de-scrambled
and deserialized onto D[19:0]. Frame alignment on SAV/EAV, line detection and frame detection outputs are
provided. As a Deserializer with reclocker, the device functions as ain the deserializer mode above and serial
data on SDI/SDI is recovered and retransmitted on SDO0/SDO0 and/or SDO1/SDO1.
VSC6511 Block Diagram
• Compliant with SMPTE-292M @ 1.485Gb/s
• Multiple Functions: Serializer, Deserializer,
and Deserializer with Reclocker
• 20 Bit TTL Interface @ 74.25 MHz
• Scrambler / Descrambler with ENABLE
• CRC Generator/Checker with ENABLE
• Data Framer aligns data and provides TRS on
SAV/EAV events
• Clock Multiplier and Recovery Units
• 2 or 4 configurable 75ohm cable driver o/ps
• 3.3V,Lowpower--700-1500mWtypical
• 64-pin, 10x10x1.0mm Exposed Pad TQFP
IP
IN
Clock/
Recovery
REFCLK
Clock
Multiply
1.485 GHz
74.25 MHz
x20
RCLK
SCREN
1.485 GHz
D[19:0]
SDO0
SDO0
SIGDET
OE1
/20
Serializer
Scrambler
D Q
ISET0
SDO1
SDO1
ISET1
MODE0
Unit
MODE1
CRC Gen
CABLE DRIVER
OUTPUTS
CRC Check
Deserializer
D Q
OE0
CRC
/20
FRAME
Framer
HANC
LINE
1001
NRZI Decoder
Descrambler


Similar Part No. - VSC6511

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VSC600P10MS VBSEMI-VSC600P10MS Datasheet
520Kb / 9P
P-Channel 100-V (D-S) MOSFET
logo
Vitesse Semiconductor C...
VSC6048 VITESSE-VSC6048 Datasheet
204Kb / 18P
High-Speed Octal Programmable Timing Generator
VSC6134 VITESSE-VSC6134 Datasheet
454Kb / 2P
Advanced 10 Gb/s Transport Processor with Enhanced FEC
VSC6250 VITESSE-VSC6250 Datasheet
226Kb / 18P
1Gb/s 16-Channel Drive-Side Deskew IC
VSC6250QW VITESSE-VSC6250QW Datasheet
226Kb / 18P
1Gb/s 16-Channel Drive-Side Deskew IC
More results

Similar Description - VSC6511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25C400 NSC-DS25C400 Datasheet
409Kb / 26P
Quad 2.5 Gbps Serializer/Deserializer
logo
Cypress Semiconductor
CYV15G0104 CYPRESS-CYV15G0104 Datasheet
985Kb / 28P
Independent Clock HOTLink II Serializer and Reclocking Deserializer
logo
National Semiconductor ...
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
22-Bit Bi-Directional Serializer/Deserializer
logo
Cypress Semiconductor
CYV15G0104TRB CYPRESS-CYV15G0104TRB Datasheet
775Kb / 28P
Independent Clock HOTLink II??Serializer and Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB_09 Datasheet
770Kb / 28P
Independent Clock HOTLink II Serializer and Reclocking Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
Mobile Pixel Link Display Interface Serializer and Deserializer
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
SMPTE 292M/259M Digital Video Deserializer / Descrambler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com