Electronic Components Datasheet Search
  English  ▼

X  

VSC6511 Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC6511
Description  SMPTE-292M Serializer, Deserializer, and Deserializer/Reclocker at 1.485Gb/s
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6511 Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC6511 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC6511 Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 11
4/10/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC6511
Deserializer/Reclocker at 1.485Gb/s
SMPTE-292M Serializer, Deserializer, and
G52311-0, Rev. 2.0
Functional Description: Deserializer Mode
The following functional blocks are used in the Deserializer mode of operation. Please refer to the Func-
tional Description at the beginning of this document for the a description of each of these blocks.
Clock Multiplier Unit (CMU)
Serial Input
Clock Recovery Unit
Deserializer
Descrambler and NRZI Decoder
CRC Checker
Frame Aligner and SAV/EAV output
Figure 6: Receive Timing Waveforms (Deserializer Mode)
Table 5: Receive AC Characteristics (Deserializer Mode)
Note: The RCLK output from the CRU is 40% high and 60% low by design.
Parameters
Description
Min.
Max.
Units
Conditions
T1
TTL Outputs alid prior to
RCLK rise
3.0
—ns.
T2
TTL Outputs valid after
RCLK rise
2.0
—
ns.
TR, TF
TTL Output rise and fall
time
—2.0
ns.
Between VIL(MAX) and
VIH(MIN), into 10 pf. load.
TLOCK
Data acquisition lock time
@ 1.485 Gb/s
—
TBC
ms.
RCLK
D[0:19]
T2
Data Valid
T1
LINE
FRAME
CRCERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com