Electronic Components Datasheet Search
  English  ▼

X  

MP6539GF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6539GF
Description  100V, Three-Phase, BLDC Motor Pre-Driver with HS & LS Inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6539GF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6539GF Datasheet HTML 1Page - Monolithic Power Systems MP6539GF Datasheet HTML 2Page - Monolithic Power Systems MP6539GF Datasheet HTML 3Page - Monolithic Power Systems MP6539GF Datasheet HTML 4Page - Monolithic Power Systems MP6539GF Datasheet HTML 5Page - Monolithic Power Systems MP6539GF Datasheet HTML 6Page - Monolithic Power Systems MP6539GF Datasheet HTML 7Page - Monolithic Power Systems MP6539GF Datasheet HTML 8Page - Monolithic Power Systems MP6539GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP6539 – 100V, THREE-PHASE, BLDC MOTOR PRE-DRIVER WITH HS & LS INPUTS
MP6539 Rev. 1.01
www.MonolithicPower.com
3
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
1
CSO
EXPOSED PAD ON
BACKSIDE
CONNECTED TO GND
MP6539
2
3
4
5
6
7
22
21
20
19
18
17
16
BSTA
SHA
GHA
SHC
GHC
GLC
LSS
LSA
LSB
LSC
VREG
LDO
GND
HSC
VIN
8
15
GLB
HSC
GLC
GHC
GHB
SHB
LDO
SHA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
MP6539
HSA
nSLEEP
GHA
CSO
DT
OCREF
VREG
HSB
LSC
SHC
LSA
LSB
LSS
BSTC
EXPOSED PAD ON
BACKSIDE
CONNECTED TO GND
VIN
BSTA
GND
GLA
BSTB
nFAULT
QFN-28 (4mmx5mm)
TSSOP-28 EP
ABSOLUTE MAXIMUM RATINGS
(1)
Input voltage (VIN) ........................ -0.3V to 110V
Input voltage VREG, GLA/B/C .... -0.3V to 14.5V
LDO ............................................ -0.3V to 14.5V
BSTA/B/C .................................... -0.3V to 120V
GHA/B/C.................... -0.3V to (BST-SH) + 0.3V
GHA/B/C (transient, 2µs) ..................................
..................................... -8V to (BST-SH) + 0.3V
LSS.................................................. -0.3V to 4V
LSS (transient, 2µs) ............................ -1V to 4V
SHA/B/C ......................................... -5V to 110V
SHA/B/C (transient, 2µs)................. -8V to 110V
All other pins to GND .................... -0.3V to 6.5V
Continuous power dissipation (TA = +25°C)
(2)
QFN-28 (4mmx5mm) .................................3.1W
TSSOP-28 EP (9.7mmx6.4mm).................3.9W
Storage temperature................ -55°C to +150°C
Junction temperature ............................. +150°C
Lead temperature (solder) ..................... +260°C
Recommended Operating Conditions
(3)
Input voltage (VIN) .......................... +8V to 100V
Input voltage (VREG) ...................... +8.5V to 14V
OCREF voltage (VOC) ................ 0.125V to 2.4V
Operating junction temp. (TJ) ... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN-28 (4mmx5mm) ............ 40........ 9 .... °C/W
TSSOP-28 EP ....................... 32........ 6.... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient
thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com