Electronic Components Datasheet Search
  English  ▼

X  

MP6539GF Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6539GF
Description  100V, Three-Phase, BLDC Motor Pre-Driver with HS & LS Inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6539GF Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6539GF Datasheet HTML 7Page - Monolithic Power Systems MP6539GF Datasheet HTML 8Page - Monolithic Power Systems MP6539GF Datasheet HTML 9Page - Monolithic Power Systems MP6539GF Datasheet HTML 10Page - Monolithic Power Systems MP6539GF Datasheet HTML 11Page - Monolithic Power Systems MP6539GF Datasheet HTML 12Page - Monolithic Power Systems MP6539GF Datasheet HTML 13Page - Monolithic Power Systems MP6539GF Datasheet HTML 14Page - Monolithic Power Systems MP6539GF Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP6539 – 100V, THREE PHASE BLDC MOTOR PRE-DRIVER WITH HS & LS INPUTS
MP6539 Rev. 1.01
www.MonolithicPower.com
12
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
the VDS of the MOSFET exceeds OCREF,
CSO is pulled to ~6V internally. Whenever CSO
exceeds 3.5V, an OCP event is detected, and
all output MOSFETs are turned off. nFAULT is
driven active low.
Once the current through the LS-FETs and the
sense resistor stops, the CSO voltage is no
longer driven and starts to fall at a rate
determined by the external capacitor and
resistor. When the voltage falls below 2.9V, the
output MOSFETs are re-enabled, and nFAULT
is inactive.
The resulting off time is set by the value of the
external capacitor and the internal feedback
resistor in parallel with the external resistor (if
used).
The off time generated when CSO reaches
3.5V can be approximated with Equation (1):
tOFF (µs) = 0.2*R(kΩ)*C(nF)
(1)
The off time generated when VDS exceeds
OCREF is longer since CSO is pulled to 6V and
must decay to 2.9V for the outputs to be re-
enabled. This off time can be approximated with
Equation (2):
tOFF (µs) = 0.6*R(kΩ)*C(nF)
(2)
Where C is the capacitance from CSO to
ground, and R is the total resistance from CSO
to ground, comprised of the internal feedback
resistor (~450k
Ω) in parallel with any external
resistor to ground.
This feature can be used for current regulation
to limit the stall/start-up current of a motor,
either by using an external current sense
resistor or (with lower accuracy) the RDS(ON) of
the LS-FET.
In addition to low-side current monitoring, a
circuit monitors the output and triggers a fault
condition of the output, driving it high, but it will
not rise above ~4.5V. This provides protection
against a short to ground, which would not be
detected by low-side current sensing. If this
occurs, the MP6539 enters a latched fault state
and disables all outputs. The MP6539 remains
latched off until it is reset by nSLEEP or UVLO.
Gate-Drive Voltage Regulator
To generate a voltage to drive the external
MOSFET gates, a linear regulator is integrated
into the MP6539.
If current over about 5mA is needed (to drive
the high gate charge MOSFETs at a high
switching
frequency),
an
external
NPN
transistor (and optionally also a resistor) must
be used to remove power dissipation from the
IC.
For low-current applications, LDO is connected
to
VREG
directly.
For
higher
current
requirements, an NPN transistor is used (see
Figure 2).
VREG
LDO
Regulator
VIN
LDO
VIN
VIN
optional
Figure 2: High-Current Configuration of the LDO
If desired, an appropriate gate-drive supply
voltage can be supplied directly to VREG from
an external supply. In this case, connect only
the capacitor to LDO. VIN must still be
connected to the motor supply voltage.
OCP Deglitch Time
There is usually a current spike during the
switching transition due to the body diode’s
reverse-recovery
current
or
the
distributed
inductance or capacitance. This current spike
requires filtering to prevent it from erroneously
triggering OCP and shutting down the external
MOSFET. An internal, fixed, deglitch time (tOC)
(which is also the minimum on time for the
MOSFET) blanks the output of the VDS monitor
when the outputs are switched.
Charge Pump and Bootstrap
Normally, the high-side gate-drive voltage is
generated from bootstrap capacitors connected
between
SHx
and
BSTx.
The
bootstrap
capacitor is charged whenever the LS-FET is
turned on.
If the output is held at a high state for a long
period
of
time,
the
bootstrap
capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com