Electronic Components Datasheet Search
  English  ▼

X  

MP6539GF Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6539GF
Description  100V, Three-Phase, BLDC Motor Pre-Driver with HS & LS Inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6539GF Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6539GF Datasheet HTML 6Page - Monolithic Power Systems MP6539GF Datasheet HTML 7Page - Monolithic Power Systems MP6539GF Datasheet HTML 8Page - Monolithic Power Systems MP6539GF Datasheet HTML 9Page - Monolithic Power Systems MP6539GF Datasheet HTML 10Page - Monolithic Power Systems MP6539GF Datasheet HTML 11Page - Monolithic Power Systems MP6539GF Datasheet HTML 12Page - Monolithic Power Systems MP6539GF Datasheet HTML 13Page - Monolithic Power Systems MP6539GF Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP6539 – 100V, THREE PHASE BLDC MOTOR PRE-DRIVER WITH HS & LS INPUTS
MP6539 Rev. 1.01
www.MonolithicPower.com
10
4/20/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
BLOCK DIAGRAM
VIN
RSENSE
SHA
GND
Fault
Handling
Timing and
Control
Logic
HSB
HSA
DT
nSLEEP
VREG
GHA
GLA
LSA
HSC
LSC
LSB
HS Gate
Drive
LS Gate
Drive
Phase A,
repeat for
B&C
LSS
REF
UVLO
Comparator
nFAULT
RDT
BSTA
VREG
TSD
OCREF
VDS
Comparator
CSO
VDS
Sense
RCSO
VDD
LDO
Regulator
VIN
LDO
VIN
VDD
VIN
Charge
Pump
CCSO
3.5V
19R
R
6V
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com