Electronic Components Datasheet Search
  English  ▼

X  

201CMQ Datasheet(PDF) 4 Page - International Rectifier

Part # 201CMQ
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

201CMQ Datasheet(HTML) 4 Page - International Rectifier

  201CMQ Datasheet HTML 1Page - International Rectifier 201CMQ Datasheet HTML 2Page - International Rectifier 201CMQ Datasheet HTML 3Page - International Rectifier 201CMQ Datasheet HTML 4Page - International Rectifier 201CMQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
201CMQ... Series
4
Bulletin PD-2.400 rev. B 08/01
www.irf.com
FR EE-W HE EL
D IO D E
40H FL40S02
CUR RE N T
MO N ITO R
HIG H -SPE ED
SW ITC H
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 V olt
+
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current
Average Forward Current - I
F(AV) (A)
Square Wave Pulse Duration - t
p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current
Fig. 6 - Forward Power Loss
Characteristics
Average Forward Current - I
F(AV)(A)
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
100
120
140
160
180
0
20
40
60
80 100 120 140 160
DC
80% Square Wave
(D = 0.50)
see note (2)
0
30
60
90
0
30
60
90
120
150
DC
RMS Limit
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
1000
10000
100000
10
100
1000
10000
At Any Rated Load Condition
And With Rated Vrrm Applied
Following Surge



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com