Electronic Components Datasheet Search
  English  ▼

X  

201CMQ Datasheet(PDF) 5 Page - International Rectifier

Part # 201CMQ
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

201CMQ Datasheet(HTML) 5 Page - International Rectifier

  201CMQ Datasheet HTML 1Page - International Rectifier 201CMQ Datasheet HTML 2Page - International Rectifier 201CMQ Datasheet HTML 3Page - International Rectifier 201CMQ Datasheet HTML 4Page - International Rectifier 201CMQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
201CMQ... Series
5
Bulletin PD-2.400 rev. B 08/01
www.irf.com
Ordering Information Table
Device Code
1
2
3
1
-
Current Rating: 200A
2
-
Common Cathode
3
-
Module
4
-
Schottky Q Series
5
-
Voltage Rating:
201
C
M
Q
045
4
5
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 08/01
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.
035 = 35V
040 = 40V
045 = 45V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com