Electronic Components Datasheet Search
  English  ▼

X  

201CMQ Datasheet(PDF) 1 Page - International Rectifier

Part # 201CMQ
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

201CMQ Datasheet(HTML) 1 Page - International Rectifier

  201CMQ Datasheet HTML 1Page - International Rectifier 201CMQ Datasheet HTML 2Page - International Rectifier 201CMQ Datasheet HTML 3Page - International Rectifier 201CMQ Datasheet HTML 4Page - International Rectifier 201CMQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
I
F(AV) Rectangular
200
A
waveform
V
RRM
35 to 45
V
I
FSM @ tp = 5 µs sine
16,000
A
V
F
@100Apk,T
J=125°C
0.58
V
(per leg)
T
J
range
- 55 to 175
°C
Characteristics
201CMQ... Units
Major Ratings and Characteristics
The 201CMQ high current Schottky rectifier module series
has been optimized for low reverse leakage at high tempera-
ture.
The proprietary barrier technology allows for reliable opera-
tion up to 175 °C junction temperature. Typical applications
are in high current switching power supplies, plating power
supplies, UPS systems, converters, free-wheeling diodes,
welding, and reverse battery protection.
175 °C T
J operation
Center tap module - Isolated Base
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Description/Features
SCHOTTKY RECTIFIER
200 Amp
201CMQ... SERIES
1
Bulletin PD-2.400 rev. B 08/01
www.irf.com
TO-244AB isolated
Modified JEDEC
Outline TO-244AB Isolated
Dimensions in millimeters and (inches)
2
LUG
TERMINAL
ANODE 1
LUG
TERMINAL
ANODE 3
COMMON
CATHODE
ISOLATED BASE


Similar Part No. - 201CMQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
201CMQ SMC-201CMQ Datasheet
211Kb / 4P
High current switching power supply
logo
SMC Diode Solutions Co....
201CMQ SMCDIODE-201CMQ Datasheet
337Kb / 5P
SCHOTTKY RECTIFIER
Rev. C
logo
Sangdest Microelectroni...
201CMQ035 SMC-201CMQ035 Datasheet
211Kb / 4P
SCHOTTKY RECTIFIER
201CMQ035 SMC-201CMQ035 Datasheet
211Kb / 4P
High current switching power supply
logo
SMC Diode Solutions Co....
201CMQ035 SMCDIODE-201CMQ035 Datasheet
337Kb / 5P
SCHOTTKY RECTIFIER
Rev. C
More results

Similar Description - 201CMQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com