Electronic Components Datasheet Search
  English  ▼

X  

AX3842 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AX3842
Description  High Performance Current Mode Pwm Controlers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3842 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AX3842 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Page No. : 6/12
AVANTICS - AX3842 Series
Specification No.: 050308-FE0008
Reference Short Circuit Current &Temperature
50
60
70
80
90
100
110
-50
-25
0
25
50
75
100
125
TA (
oC)
Vcc=15V
RL≤0.1Ω
Supply Current & Supply Voltage
0
5
10
15
20
25
0
1020
3040
Vi (V)
RT=10K
CT=3.3nF
Output Saturation Voltage & Load Current
0
1
2
3
4
0
200
400
600
800
Io (mA)
Sink Saturation
(Load to Vcc)
Ta=-40
oC
Ta=25
oC
Vcc=15V
80us Pulsed Load
120Hz Rate
Output Saturation Voltage & Load Current
-4
-3
-2
-1
0
0
200
400
600
800
Io (mA)
Source Saturation
(Load to Ground)
Ta=25
oC
Ta=-40
oC
Vcc=15V
80us Pulsed Load
120Hz Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com