Electronic Components Datasheet Search
  English  ▼

X  

AX3842 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AX3842
Description  High Performance Current Mode Pwm Controlers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3842 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AX3842 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Page No. : 10/12
AVANTICS - AX3842 Series
Specification No.: 050308-FE0008
Rs
Vclamp
Comp/Latch
Q1
BC109
Vcc
Vin
7
6
5
1
2
R2
5Vref
C
R
2R
5
EA
+
-
1mA
+
R
R
4
8
OSC
BIAS
S
R
Q
+
1V
+
-
R1
7
External Duty Cycle Clamp and Multi Unit Synchronization
Soft-Start Circuit
Soft-Start and Error Amplifier Output Duty Cycle Clamp
R
R
R
2R
1
2
4
5
8
+
EA
OSC
BIAS
RA
RB
5K
5K
5K
C
2
3
4
5
6
7
8
1
+
-
R
S
Q
Vref
NE555
To Additional
AX3842
+
-
+
-
f=1.44/((RA+2RB)C), Dmax=RB/(RA+2RB)
Vclamp=R1/(R1+R2) where 0<Vclamp<1V, Ipk(max)=Vclamp/RS
1
2
1M
5Vref
C
R
2R
5
EA
+
-
1mA
+
R
R
4
8
OSC
BIAS
S
R
Q
+
-
1V
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com