Electronic Components Datasheet Search
  English  ▼

X  

AX3842 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AX3842
Description  High Performance Current Mode Pwm Controlers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3842 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AX3842 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX3842 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Page No. : 7/12
AVANTICS - AX3842 Series
Specification No.: 050308-FE0008
Application Information
Open Loop Test Circuit
Oscillator and Output Waveforms
Error Amp Configuration
Under Voltage Lockout
4.7K
1K
4.7K
5K
100K
RT
0.1uF
0.1uF
CT
1W
1K
Error Amp.
Adjust
I
Adjust
HPN2222A
COMP
RT/CT
V
Vcc
Output
Ground
Ground
Output
Vcc
Vref
1
2
3
4
5
6
7
8
REF
SENSE
I SENSE
VFB
A
AX3842
RT
CT
4
5
6
7
8
5V REG
PWM
Clock
Oscillator
Id
Output
GND
CT
Output
Large RT / Small CT
CT
Output
Small RT / Large CT
Vcc
1
2
3
High peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and
bypass capacitors should be connected close to pin5 in a single point ground. The transistor and 5KΩ
potentiometerare used to samplethe oscillator waveform and apply an adjustable ramp to pin3.
Zi
Zf
V
COMP
2.5V
1mA
1
2
FB
+
-
ON/OFF Command
Von
Voff
AX3842
To Rest Of IC
16V
10V
Icc
<17mA
<0.5mA
Vcc
Voff Von
Vi
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com