Electronic Components Datasheet Search
  English  ▼

X  

AX3842P Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AX3842P
Description  High Performance Current Mode Pwm Controlers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3842P Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AX3842P Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 7Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 8Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 9Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 10Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 11Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Page No. : 8/12
AVANTICS - AX3842 Series
Specification No.: 050308-FE0008
Current Sense Circuit
Slope Compensation Techniques
Isolated MOSFET Drive and Current Transformer Sensing
Peak current (Is) is determined by the formula
Is(max.)
≈ 1V/Rs
A small RC filter may be required to suppress switch transients.
R
Rs
C
2R
COMP
Is
Current
Sense
GND
1
3
5
Error Ampl.
R1V
Current
Sense
Comparator
5.0Vref
+
+
+
-
-
Vcc
S
R
Q
COMP/Latch
C
R
Rs
Ns
Np
Q1
Vin
Isolation
Boundary
3
6
7
VGS Waveforms
50%DC
25%DC
Ipk=((Vpin1-1.4)/3Rs)(Ns/Np)
+
0
-
+
0
-
R1
8
Rs
5
R
4
RT
3
CT
SLOPE
AX3842
Is
VREG
RT/CT
ISENSE
GND
R1
8
Rs
5
R
4
RT
3
CT
SLOPE
AX3842
Is
VREG
RT/CT
ISENSE
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com