Electronic Components Datasheet Search
  English  ▼

X  

AX3842P Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AX3842P
Description  High Performance Current Mode Pwm Controlers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3842P Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AX3842P Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 7Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 8Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 9Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 10Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 11Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Page No. : 11/12
AVANTICS - AX3842 Series
Specification No.: 050308-FE0008
DIP-8 Dimension
SO-8 Dimension
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of AVANTIC.
• AVANTICS reserves the right to make changes to its products without notice.
• AVANTICS semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• AVANTICS assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office:
• AVANTICS Microelectronics Corp: No. 255, Cai Lun Rd. Zhangjiang Technology Industrial Park Pudong, Shanghai, China
Tel: 86-021-58955599
Fax: 86-021-58558038
A
B
87
65
4
3
2
1
H
I
F
G
J
K
M
L
α1
E
D
C
8-Lead DIP-8
Plastic Package
AVANTICS Package Code: P
Marking:
Date Code
Control Code
AP
38 42
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
X
Note: Green label is used for pb-free packing
Pin Style: 1.COMP 2.V
FB 3.ISENSE 4.RT/CT
5.GND 6.Output 7.V
i 8.VREF
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
DIM
Min.
Max.
A
6.29
6.40
B
9.22
9.32
C-
*1.52
D-
*1.27
E-
*0.99
F
3.25
3.35
G
3.17
3.55
H
0.38
0.53
I
2.28
2.79
J
7.49
7.74
K-
*3.00
L
8.56
8.81
M
0.229
0.381
α1
94o
97o
*: Typical, Unit: mm
A
B
F
C
D
E
G
Part A
I
H
J
K
O
M
L
N
Part A
23
4
5
6
7
8
Pin1 Index
DIM
Min.
Max.
A
4.85
5.10
B
3.85
3.95
C
5.80
6.20
D
1.22
1.32
E
0.37
0.47
F
3.74
3.88
G
1.45
1.65
H
4.80
5.10
I
0.05
0.20
J
0.30
0.70
K
0.19
0.25
L
0.37
0.52
M
0.23
0.28
N
0.08
0.13
O
0.00
0.15
*: Typical, Unit: mm
Marking:
Date Code
Control Code
Pin 1 Index
AS
38 4
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
2
X
Note: Green label is used for pb-free packing
Pin Style: 1.COMP 2.V
FB 3.ISENSE 4.RT/CT
5.GND 6.Output 7.V
i 8.VREF
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
8-Lead SO-8 Plastic
Surface Mounted Package
AVANTICS Package Code: S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com