Electronic Components Datasheet Search
  English  ▼

X  

AX3842P Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AX3842P
Description  High Performance Current Mode Pwm Controlers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3842P Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AX3842P Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 7Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 8Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 9Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 10Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 11Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Page No. : 9/12
AVANTICS - AX3842 Series
Specification No.: 050308-FE0008
2N3903
2N3905
R
+
-
OSC
BIAS
1mA
+
EA
1
2
4
5
8
R
2R
R
Latched Shutdown
Error Amplifier Compensation
External Clock Synchronization
Ri
Rd
Rf
Cf
2R
R
+
+
-
1
2
2.5V
EA
1mA
5
From Vo
Rp
Rf
Cf
2R
R
+
+
-
1
2
2.5V
EA
1mA
5
From Vo
Rd
Ri
Cp
SCR must be selected for a holding current of less than
0.5mA at TA(min). The simple two transistor circuit can be
used in place of the SCR as shown. All resistors are 10K.
Error Amp compensation circuit for
stabilizing any current-mode topology
except for boost and flyback converters
operating with continuous inductor
current
Error Amp compensation circuit for
stabilizing current-mode boost and
flyback topologies operating with
continuous inductor current.
The diode clamp is
required if the Sync
amplitude is large enough
to cause the bottom side
of CT to go more than
300mV below ground
0.01uF
CT
RT
47
R
R
R
2R
1
2
4
5
8
+
-
+
EA
OSC
BIAS
Vref
External
Sync Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com