Electronic Components Datasheet Search
  English  ▼

X  

LM2465 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2465
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2465 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2465 Datasheet HTML 1Page - National Semiconductor (TI) LM2465 Datasheet HTML 2Page - National Semiconductor (TI) LM2465 Datasheet HTML 3Page - National Semiconductor (TI) LM2465 Datasheet HTML 4Page - National Semiconductor (TI) LM2465 Datasheet HTML 5Page - National Semiconductor (TI) LM2465 Datasheet HTML 6Page - National Semiconductor (TI) LM2465 Datasheet HTML 7Page - National Semiconductor (TI) LM2465 Datasheet HTML 8Page - National Semiconductor (TI) LM2465 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage V
CC, Pins 10 and 18
6.0V
Peak Video DC Output Source Current
(Any One Amp) Pins 19, 20 or 21
1.5 mA
Voltage at Any Input Pin (V
IN)VCC +0.5
≥ V
IN
≥ −0.5V
Video Inputs (pk-pk)
0.0
≤ V
IN
≤ 1.2V
Thermal Resistance to Ambient (
θ
JA)
51˚C/W
Power Dissipation (P
D)
(Above 25˚C Derate Based
on
θ
JA and TJ)
2.4W
Thermal Resistance to Case (
θ
JC)
32˚C/W
Junction Temperature (T
J)
150˚C
ESD Susceptibility (Note 4)
3.0 kV
ESD Machine Model (Note 13)
350V
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
265˚C
Operating Ratings (Note 2)
Temperature Range
0˚C to +70˚C
Supply Voltage V
CC
4.75V
≤ V
CC
≤ 5.25V
Video Inputs (pk-pk)
0.0V
≤ V
IN
≤ 1.0V
Video Signal Electrical Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V, VIN = 0.70 VP-P,VABL =VCC,CL = 8 pF, Video Outputs = 2.0 VP-P. Setting
numbers refer to the definitions in Table 1. See (Note 7) for Min and Max parameters and (Note 6) for Typicals.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
S
Supply Current
Test Setting 1, both supplies, no
output loading. See (Note 8).
200
250
mA
I
S-PS
Supply Current, Power Save
Mode
Test Setting 1, both supplies, no
output loading. See (Note 8).
70
95
mA
V
O BLK
Active Video Black Level Output
Voltage
Test Setting 4, no AC input signal, DC
offset (register 0x8438 set to 0xd5).
1.2
VDC
V
O BLK STEP
Active Video Black Level Step
Size
Test Setting 4, no AC input signal.
100
mVDC
V
O Max
Maximum Video Output Voltage
Test Setting 3, Video in = 0.70 V
P-P
4.0
4.3
V
LE
Linearity Error
Test Setting 4, staircase input signal.
See(Note 9)
5%
t
r
Video Rise Time
(Note 5), 10% to 90%, Test Setting 4,
AC input signal.
3.1
ns
OS
R
Rising Edge Overshoot
(Note 5), Test Setting 4, AC input
signal.
2%
t
f
Video Fall Time
(Note 5), 90% to 10%, Test Setting 4,
AC input signal.
2.9
ns
OS
F
Falling Edge Overshoot
(Note 5), Test Setting 4, AC input
signal.
2%
BW
Channel Bandwidth (−3 dB)
(Note 5), Test Setting 4, AC input
signal.
150
MHz
V
SEP 10 kHz
Video Amplifier 10 kHz Isolation
(Note 14), Test Setting 8.
−60
dB
V
SEP 10 MHz
Video Amplifier 10 MHz Isolation
(Note 14), Test Setting 8.
−50
dB
A
V Max
Maximum Voltage Gain
Test Setting 8, AC input signal.
3.8
4.1
V/V
A
V C-50%
Contrast Attenuation @ 50%
Test Setting 5, AC input signal.
−5.2
dB
A
V Min/AV Max
Maximum Contrast Attenuation
(dB)
Test Setting 2, AC input signal.
−20
dB
A
V G-50%
Gain Attenuation @ 50%
Test Setting 6, AC input signal.
−4.0
dB
A
V G-Min
Maximum Gain Attenuation
Test Setting 7, AC input signal.
−11
dB
A
V Match
Maximum Gain Match between
Channels
Test Setting 3, AC input signal.
±0.5
dB
A
V Track
Gain Change between Channels
Tracking when changing from Test
Setting 8 to Test Setting 5. See (Note
11).
±0.5
dB
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com