Electronic Components Datasheet Search
  English  ▼

X  

LM2465 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2465
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2465 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2465 Datasheet HTML 1Page - National Semiconductor (TI) LM2465 Datasheet HTML 2Page - National Semiconductor (TI) LM2465 Datasheet HTML 3Page - National Semiconductor (TI) LM2465 Datasheet HTML 4Page - National Semiconductor (TI) LM2465 Datasheet HTML 5Page - National Semiconductor (TI) LM2465 Datasheet HTML 6Page - National Semiconductor (TI) LM2465 Datasheet HTML 7Page - National Semiconductor (TI) LM2465 Datasheet HTML 8Page - National Semiconductor (TI) LM2465 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LM1236
150 MHz I
2C Compatible RGB Preamplifier with Internal
254 Character OSD ROM, 512 Character RAM and 4
DACs
General Description
The LM1236 pre-amp is an integrated CMOS CRT preamp.
It has an I
2C compatible interface which allows control of all
the parameters necessary to directly setup and adjust the
gain and contrast in the CRT display. Brightness and bias
can be controlled through the DAC outputs, which are well
matched to the LM2479 and LM2480 integrated bias clamp
ICs. The LM1236 preamp is also designed to be compatible
with the LM246x high gain driver family.
Black level clamping of the video signal is carried out directly
on the AC coupled input signal into the high impedance
preamplifier input, thus eliminating the need for additional
clamp capacitors. Horizontal and vertical blanking of the
outputs is provided. Vertical blanking is optional and its
duration is register programmable.
The IC is packaged in an industry standard 24-lead DIP
molded plastic package.
Features
n
Internal 254 character OSD ROM usable as either (a)
190 2-color plus 64 4-color characters, (b) 318 2-color
characters, or (c) some combination in between
n
Internal 512 character RAM, which can be displayed as
one single or two independent windows
n
Enhanced I
2C compatible microcontroller interface
to allow versatile Page RAM access
n
OSD Window Fade In/Fade Out
n
OSD Half Tone Transparency
n
OSD override allows OSD messages to override video
and the use of burn-in screens with no video output.
n
4 DAC outputs (8-bit resolution) for bus controlled CRT
bias and brightness
n
Spot killer which blanks the video outputs when V
CC
falls below the specified threshold
n
Suitable for use with discrete or integrated clamp, with
software configurable brightness mixer
n
4-Bit Programmable start position for internal
Horizontal Blanking
n
Horizontal blanking and OSD synchronization directly
from deflection signals. The blanking can be disabled, if
desired.
n
Vertical blanking and OSD synchronization directly from
deflection signals. The blanking width is register
programmable and can be disabled, if desired.
n
Power Saving Mode with 65% power reduction
n
Matched to LM246x driver and LM2479/80 bias IC’s
Applications
n
Low end 15" and 17" bus controlled monitors with OSD
n
1024x768 displays up to 85 Hz requiring OSD capability
n
Very low cost systems with LM246x driver
PRELIMINARY
September 2003
© 2005 National Semiconductor Corporation
DS200757
www.national.com


Similar Part No. - LM2465

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2465 NSC-LM2465 Datasheet
425Kb / 12P
Monolithic Triple 5.5 ns High Gain CRT Driver
More results

Similar Description - LM2465

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1247 NSC-LM1247 Datasheet
3Mb / 48P
150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1246 NSC-LM1246 Datasheet
2Mb / 51P
150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1276 NSC-LM1276 Datasheet
2Mb / 50P
150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
Compatible RGB Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com