Electronic Components Datasheet Search
  English  ▼

X  

LM2465 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2465
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2465 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LM2465 Datasheet HTML 28Page - National Semiconductor (TI) LM2465 Datasheet HTML 29Page - National Semiconductor (TI) LM2465 Datasheet HTML 30Page - National Semiconductor (TI) LM2465 Datasheet HTML 31Page - National Semiconductor (TI) LM2465 Datasheet HTML 32Page - National Semiconductor (TI) LM2465 Datasheet HTML 33Page - National Semiconductor (TI) LM2465 Datasheet HTML 34Page - National Semiconductor (TI) LM2465 Datasheet HTML 35Page - National Semiconductor (TI) LM2465 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Building Display Pages (Continued)
TABLE 23. Sequence of Transmitted Bytes
Control Register Definitions
OSD INTERFACE REGISTERS
Frame Control Register 1:
FRMCTRL1 (0x8400)
halftone
Fade
i/o
trans
clear
win2
win1
OSD
HTD
X
FEN
TD
CDPR
D2E
D1E
OsE
Bit 0
On-Screen Display Enable. The On-Screen Display will be disabled when this bit is a zero. When this bit is a one
the On-Screen Display will be enabled. This controls both Window 1 and Window 2.
Bit 1
Display Window 1 Enable. When this bit and Bit 0 of this register are both ones, Display Window 1 is enabled. If
either bit is a zero, then Display Window 1 will be disabled.
Bit 2
Display Window 2 Enable. When this bit and Bit 0 of this register are both ones, Display Window 2 is enabled. If
either bit is a zero, then Display Window 2 will be disabled.
Bit 3
Clear Display Page RAM. Writing a one to this bit will result in setting all of the Display Page RAM values to zero.
This bit is automatically cleared after the operation is complete. This bit is initially asserted by default at power up,
and will clear itself back to zero shortly after. Thus, the default value is one only momentarily, and then will remain
zero until manually asserted again or until the power is cycled.
Bit 4
Transparent Disable. When this bit is a zero, a palette color of black (i.e., color palette look-up table value of 0x00)
in the first 8 palette look-up table address locations (i.e., ATT0–ATT7) will be interpreted as transparent. When this
bit is a one, the color will be interpreted as black.
Bit 5
Fade In/Out Enable. When this bit is a 1, the OSD Fade In/Fade Out function is enabled. When this bit is a 0, the
function is disabled.
Bit 7
Half Tone Disable. When this bit is a 1, the OSD Half Tone Transparency function is disabled. When this bit is a 0,
the half tone transparency is enabled.
Frame Control Register 2:
FRMCTRL2 (0x8401)
Pixels per Line
Blink Period
PL[2:0]
BP[4:0]
Bits 4–0
Blinking Period. These five bits set the blinking period of the blinking feature, which is determined by mulitiplying
the value of these bits by 8, and then multiplying the result by the vertical field rate.
Bits 7–5
Pixels per Line. These three bits determine the number of pixels per line of OSD characters. See Table 24 which
gives the maximum horizontal scan rate. Also see Table 3 since the maximum recommended scan rate is also a
function of the PLLFREQRNG register, 0x843E[1:0].
TABLE 24. OSD Pixels per Line
Bits 7–5
Description
Max Horizontal Frequency (kHz)
0x0
704 pixels per line
110
0x1
768 pixels per line
110
0x2
832 pixels per line
110
0x3
896 pixels per line
110
0x4
960 pixels per line
110
0x5
1024 pixels per line
108
0x6
1088 pixels per line
102
0x7
1152 pixels per line
96
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com