Electronic Components Datasheet Search
  English  ▼

X  

LMV225TL Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV225TL
Description  RF Power Detector for CDMA and WCDMA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV225TL Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV225TL Datasheet HTML 1Page - National Semiconductor (TI) LMV225TL Datasheet HTML 2Page - National Semiconductor (TI) LMV225TL Datasheet HTML 3Page - National Semiconductor (TI) LMV225TL Datasheet HTML 4Page - National Semiconductor (TI) LMV225TL Datasheet HTML 5Page - National Semiconductor (TI) LMV225TL Datasheet HTML 6Page - National Semiconductor (TI) LMV225TL Datasheet HTML 7Page - National Semiconductor (TI) LMV225TL Datasheet HTML 8Page - National Semiconductor (TI) LMV225TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2.7 DC and AC Electrical Characteristics (Continued)
Unless otherwise specified, all limits are guaranteed to V
DD = 2.7V; TJ = 25˚C. Boldface limits apply at temperature extremes.
(Note 4)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Variation Due to Temperature
900 MHz, RF
IN = 0 dBm
Referred to 25˚C
LMV225
+0.64
−1.07
dB
900 MHz, RF
IN =15dBm
Referred to 25˚C
LMV226
+0.05
−0.02
LMV228
+0.22
−0.36
1800 MHz, RF
IN = 0 dBm
Referred to 25˚C
LMV225
+0.09
−0.86
1800 MHz, RF
IN =15dBm
Referred to 25˚C
LMV226
+0.07
−0.10
LMV228
+0.29
−0.57
1900 MHz, RF
IN = 0 dBm
Referred to 25˚C
LMV225
+0
−0.69
1900 MHz, RF
IN =15dBm
Referred to 25˚C
LMV226
+0
−0.10
LMV228
+0.23
−0.64
2000 MHz, RF
IN = 0 dBm
Referred to 25˚C
LMV225
+0
−0.86
2000 MHz, RF
IN =15dBm
Referred to 25˚C
LMV226
+0
−0.29
LMV228
+0.27
−0.65
5.0 DC and AC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed to V
DD = 5.0V; TJ = 25˚C. Boldface limits apply at temperature extremes.
(Note 4)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current
Active Mode: RF
IN/EN =
V
DD (DC), no RF Input
Power Present.
LMV225
5.3
7.5
9
mA
LMV226
5.3
6.8
9
LMV228
5.4
6.8
9
Shutdown: RF
IN/EN = GND (DC), no
RF Input Power Present.
0.32
4.5
µA
V
LOW
E
N Logic Low Input Level
(Note 6)
0.8
V
V
HIGH
E
N Logic High Input Level
(Note 6)
1.8
V
t
on
Turn-on-Time (Note 9)
No RF Input Power
Present, Output Loaded
with 10 pF
LMV225
2.1
µs
LMV226
1.0
LMV228
1.7
t
r
Rise Time (Note 7)
Step from no Power to 0
dBm Applied, Output
Loaded with 10 pF
LMV225
4.5
µs
Step from no Power to 15
dBm Applied, Output
Loaded with 10 pF
LMV226
1.4
LMV228
4.8
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com