Electronic Components Datasheet Search
  English  ▼

X  

LMV225TL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV225TL
Description  RF Power Detector for CDMA and WCDMA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV225TL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV225TL Datasheet HTML 1Page - National Semiconductor (TI) LMV225TL Datasheet HTML 2Page - National Semiconductor (TI) LMV225TL Datasheet HTML 3Page - National Semiconductor (TI) LMV225TL Datasheet HTML 4Page - National Semiconductor (TI) LMV225TL Datasheet HTML 5Page - National Semiconductor (TI) LMV225TL Datasheet HTML 6Page - National Semiconductor (TI) LMV225TL Datasheet HTML 7Page - National Semiconductor (TI) LMV225TL Datasheet HTML 8Page - National Semiconductor (TI) LMV225TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LMV225/LMV226/LMV228
RF Power Detector for CDMA and WCDMA
General Description
The LMV225/LMV226/LMV228 are 30 dB RF power detec-
tors intended for use in CDMA and WCDMA applications.
The device has an RF frequency range from 450 MHz to 2
GHz. It provides an accurate temperature and supply com-
pensated output voltage that relates linearly to the RF input
power in dBm. The circuit operates with a single supply from
2.7V to 5.5V. The LMV225/LMV226/LMV228 have an inte-
grated filter for low-ripple average power detection of CDMA
signals with 30 dB dynamic range. Additional filtering can be
applied using a single external capacitor.
The LMV225 has an RF power detection range from –30
dBm to 0 dBm and is ideally suited for direct use in combi-
nation with resistive taps. The LMV226/LMV228 have a de-
tection range from –15 dBm to 15 dBm and are intended for
use in combination with a directional coupler. The LMV226 is
equipped with a buffered output which makes it suitable for
GSM, EDGE, GPRS and TDMA applications.
The device is active for Enable = HI, otherwise it is in a low
power consumption shutdown mode. During shutdown the
output will be LOW. The output voltage ranges from 0.2V to
2V and can be scaled down to meet ADC input range re-
quirements.
The LMV225/LMV226/LMV228 power detectors are offered
in the small 1.0 mm x 1.0 mm X 0.6 mm micro SMD pack-
age. The LMV225 and the LMV228 are also offered in the
2.2 mm x 2.5 mm x 0.8 mm LLP package.
Features
n
30 dB linear in dB power detection range
n
Output voltage range 0.2 to 2V
n
Logic low shutdown
n
Multi-band operation from 450 MHz to 2000 MHz
n
Accurate temperature compensation
n
Packages:
— micro SMD package 1.0 mm x 1.0 mm x 0.6 mm
— LLP package 2.2 mm x 2.5 mm x 0.8 mm (LMV225
and LMV228)
Applications
n
CDMA RF power control
n
WCDMA RF power control
n
CDMA2000 RF power control
n
PA modules
Typical Application
LMV225
20076001
LMV226/LMV228
20076046
March 2005
© 2005 National Semiconductor Corporation
DS200760
www.national.com


Similar Part No. - LMV225TL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV225TL/NOPB TI1-LMV225TL/NOPB Datasheet
2Mb / 37P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225TL/NOPB TI1-LMV225TL/NOPB Datasheet
2Mb / 39P
RF Power Detector for CDMA and WCDMA
LMV225TLX/NOPB TI1-LMV225TLX/NOPB Datasheet
2Mb / 37P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225TLX/NOPB TI1-LMV225TLX/NOPB Datasheet
2Mb / 39P
RF Power Detector for CDMA and WCDMA
More results

Similar Description - LMV225TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV232 NSC-LMV232 Datasheet
779Kb / 13P
Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMV227 NSC-LMV227 Datasheet
739Kb / 12P
Production RF Tested, RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225SDX TI-LMV225SDX Datasheet
947Kb / 30P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225SD TI-LMV225SD Datasheet
947Kb / 30P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
RF Power Detector for CDMA and WCDMA
LMV225 TI-LMV225_15 Datasheet
2Mb / 37P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_16 Datasheet
2Mb / 37P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
RF Power Detector for CDMA and WCDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com