Electronic Components Datasheet Search
  English  ▼

X  

LNST20 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LNST20
Description  NTC Thermistor SMD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LNST20 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LNST20 Datasheet HTML 1Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 2Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 3Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 4Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 5Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 6Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 7Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 8Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
B constant
Dissipation
Maximum
Part Number
Resistance @25oC
25/85
Constant
Power Rating
Operating Temp.
LNSZ10 _ 220_ _
22§
3250K
LNSZ10 _ 300_ _
30§
3250K
LNSZ10 _ 400_ _
40§
3250K
LNSZ10 _ 450_ _
45§
3250K
LNSZ10 _ 500_ _
50§
3250K
LNSZ10 _ 600_ _
60§
3250K
LNSZ10 _ 101_ _
100§
3250K
LNSK10 _ 502_ _
5§
3435K
LNSK10 _ 103_ _
10§
3435K
LNSY10 _ 102_ _
1§
3670K
LNSY10 _ 222_ _
2.2§
3670K
LNSY10 _ 472_ _
4.7§
3670K
LNSY10 _ 502_ _
5§
3670K
LNSY10 _ 682_ _
6.8§
3670K
LNSY10 _ 103_ _
10§
3670K
LNSW10 _ 103_ _
10§
3890K
LNSW10 _ 223_ _
22§
3890K
LNSW10 _ 443_ _
44§
3890K
LNSV10 _ 202_ _
2§
4150K
LNSV10 _ 222_ _
2.2§
4150K
LNSV10 _ 272_ _
2.7§
4150K
LNSV10 _ 332_ _
3.3§
4150K
LNSV10 _ 103_ _
10§
4150K
LNSV10 _ 333_ _
33§
4150K
LNSV10 _ 473_ _
47§
4150K
LNSV10 _ 503_ _
50§
4150K
LNSV10 _ 583_ _
58§
4150K
LNSV10 _ 683_ _
68§
4150K
LNSV10 _ 853_ _
85§
4150K
LNSV10 _ 104_ _
100§
4150K
LNSV10 _ 124_ _
120§
4150K
LNSV10 _ 154_ _
150§
4150K
LNSV10 _ 334_ _
330§
4150K
LNSV10 _ 474_ _
470§
4150K
LNSU10 _ 333_ _
33§
4550K
LNSU10 _ 683_ _
68§
4550K
LNSU10 _ 104_ _
100§
4550K
LNSU10 _ 224_ _
220§
4550K
LNSU10 _ 105_ _
1§
4750K
LNST10 _ 474_ _
470§
4750K
LNSU10 _ 504_ _
500§
4750K
LNSU10 _ 205_ _
2 §
4750K
SPECIFICATIONS
1005(0402) size
If you want additional spec., please contact to lattron. Fax : 82-42-935-2034 Email : lattron@lattron.com
1mW/oC
100mW
-40~85 oC
-40~125oC
-40~85oC
-40~125oC
NTC Thermistor SMD
Resistance @ 25
o
C
The zero-power resistance at the standard temperature of 25oC. The zero-power resistance means the value of DC resistance of a thermistor measured at a specified temperature,
with electric load being kept so small that there is no noticeable change in the measured resistance by the influence of the applied electric load.
Bconstant 25 / 85
B = ln(R
0/R1) / (1/T0
- 1/T
1)
Without special note, B constant is calculated from the resistance values at 25oC and 85oC [B25/85], which is the most common.
Dissipation constant (¥
¥
‰
)
Dissipation factor is defined as the ratio at a specified ambient temperature of a change in power dissipation in a thermistor to the resultant body temperature change.
¡⁄¥
= P/( T1 - 25oC ) mW/ oC
¡⁄
P : dissipated power
¡⁄
T1 : thermistor temp, 85¡ 0.1oC
Maximum power rating P
This is the maximum handling power, keeping its temperature not exceeding the allowed maximum temperature for operation.
¡⁄
Pmax = ¥(Tmax - Ta)
¡⁄¥
:dissipation constant
¡⁄
Ta:25oC
¡⁄
Tmax:125oC
Thermal Time Constant
The time necessary for an unloaded thermistor to vary its temperature by 63.2% of the difference between its initial and final temperatures. Initial temperature is 85¡ 0.1oC and final
temperature is 47.1¡ 0.1oC.
8
www.lattron.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com