Electronic Components Datasheet Search
  English  ▼

X  

LNST20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LNST20
Description  NTC Thermistor SMD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LNST20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LNST20 Datasheet HTML 1Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 2Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 3Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 4Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 5Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 6Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 7Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 8Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
Multilayer structure allows diverse resistance value in the
same B constant
Multilayer structure allows lower resistance at high B
constant.
Solder plating with Ni barrier gives high reliability for both flow
and reflow soldering.
Unified shape and tightly controlled dimension is fit to high
mounting speed.
APPLICATIONS
Temperature compensation for crystal oscillator (TCXO)
Temperature compensation for Personal computer
Temperature detection for CPU and memory device
Temperature detection for battery pack
Temperature compensation for contrast of LCD
LNS V 16 G 103 J P
DESCRIPTION
The LNS series is manganese oxide based NTC thermistor,
which shows non-linear resistance-temperature behavior.
Multilayered structure has as high reliability as monoblock type,
even without protective glass coating, since the active electrode
and sensor layer is buried inside the ceramic body.
NTC Thermistor SMD
Series
B constant
Z
3250K
K
3435K
Y
3670K
W
3890K
A
3970K
V
4150K
U
4550K
T
4750K
Chip size (mm)
10
1.0 x 0.5 x 0.5 (inches 0402)
16
1.6 x 0.8 x 0.8 (inches 0603)
20
2.0 x 1.2 x 0.8 (inches 0805)
Resistance at 25 ¡
101
10 ¡¿101 = 100¥
102
10 ¡¿102 = 1 K¥
103
10 ¡¿103 = 10 K¥
Package
P
Paper taping
E
Emboss taping
B
Bulk
Resistance deviation range
F
¡
1£¥
H
¡
3£¥
J
¡
5£¥
K
¡
10£¥
ORDERING INFORMATION
B constant deviation range
F
¡
1%
G
¡
2%
H
¡
3%
7
www.lattron.com


Similar Part No. - LNST20

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G Datasheet
403Kb / 4P
NPN General Purpose Transistor Reduces Board Space
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
LNST3906F3T5G LRC-LNST3906F3T5G Datasheet
392Kb / 4P
PNP General Purpose Transistor
LNST3906F3T5G LRC-LNST3906F3T5G_15 Datasheet
392Kb / 4P
PNP General Purpose Transistor
More results

Similar Description - LNST20

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57431V2104J062 EPCOS-B57431V2104J062 Datasheet
236Kb / 7P
SMD NTC Thermistor with Ni-Barrier Termination
logo
Thinking Electronic Ind...
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
SMD NTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
SMD NTC Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
NTC THERMISTOR
MF72-120D9 ETC2-MF72-120D9 Datasheet
754Kb / 4P
Power NTC Thermistor
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
NTC THERMISTOR
KS103J2 ETC2-KS103J2 Datasheet
70Kb / 1P
NTC THERMISTOR
logo
Abracon Corporation
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
Chip NTC Thermistor
12.02.12
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
Chip NTC Thermistor
02.17.15
logo
List of Unclassifed Man...
MF52B2104F3950 ETC-MF52B2104F3950 Datasheet
178Kb / 9P
NTC Thermistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com