Electronic Components Datasheet Search
  English  ▼

X  

LNST20 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LNST20
Description  NTC Thermistor SMD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LNST20 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LNST20 Datasheet HTML 2Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 3Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 4Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 5Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 6Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 7Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 8Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 9Page - List of Unclassifed Manufacturers LNST20 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Item
Test Method
Criteria for judging
RELIABILITY TEST METHOD
Resistance to Soldering
Heat Test
Solderability Test
Adhesion
Resistance to
flexure of substrate
Dry Heat Test
Cold Test
Damp Heat Test
(Steady State)
Thermal shock Test
Soldering temperature : 260¡ 5oC
Duration of immersion : 10¡ 1sec.
Preheating : 150¡ , 1min.
Soldering temperature : 230¡ 5oC
Duration of immersion : 5¡ 1sec.
Preheating : 150oC, 1min.
Force W is applied to DUT.
The middle part of substrate shall, successively, be
pressurized by means of the pressurizing rod at a rate
of about 1§fi/sec.
Maintenance time : 5 sec.
Bending distance : 1§fi
Test temperature :
125¡ 2oC, 85¡ 2oC (R-T curve Z)
Test duration : 1000+48hrs.
After completion of the test, leaving the sample under
the standard conditions for 24¡ 2hrs.
Test temperature : -30¡ 2oC
Test duration : 1000+48hrs.
After completion of the test, leaving the sample under
the standard conditions for 24¡ 2hrs.
Test temperature : 60¡ 2oC
Test relative humidity : 90¡›95RH%
Test duration : 1000+24hrs.
After completion of the test, leaving the sample under
the standard conditions for 24¡ 2hrs.
This cycle is repeated 1000 times. After completion of
the test, allow the sample to stand under the standard
conditions for at 24¡ 2hrs.
Visual : No mechanical damage Zero-power
resistance at 25oC
Change as against pretest values within ¡ 3%
Change of B-value : within ¡ 2%
At least 75% of the electrode must be covered with
new solder.
2012 : over 2.0 kg f
1608 : over 1.0 kg f
1005 : over 0.7 kg f
Visual : No mechanical damage
Zero-power resistance at 25oC:
Change as against pretest values within ¡ 3%
Change of B-value : within ¡ 2%
Zero-power resistance at 25oC:
Change as against pretest values within ¡ 3%
Change of B-value : within ¡ 2%
Zero-power resistance at 25oC:
Change as against pretest values within ¡ 3%
Change of B-value : within ¡ 2%
Zero-power resistance at 25¡ :
Change as against pretest values within ¡ 3%
Change of B-value : within ¡ 2%
NTC Thermistor SMD
13
www.lattron.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com