Electronic Components Datasheet Search
  English  ▼

X  

AD9954 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9954
Description  400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9954 Datasheet HTML 28Page - Analog Devices AD9954 Datasheet HTML 29Page - Analog Devices AD9954 Datasheet HTML 30Page - Analog Devices AD9954 Datasheet HTML 31Page - Analog Devices AD9954 Datasheet HTML 32Page - Analog Devices AD9954 Datasheet HTML 33Page - Analog Devices AD9954 Datasheet HTML 34Page - Analog Devices AD9954 Datasheet HTML 35Page - Analog Devices AD9954 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD9954
Data Sheet
Rev. C | Page 32 of 40
LAYOUT CONSIDERATIONS
For the best performance, the following layout guidelines
should be observed. Always separate the analog power supply
(AVDD) and the digital power supply (DVDD), even if just
from two different voltage regulators driven by a common
supply. Likewise, the ground connections (AGND and DGND)
should be kept separate as far back to the source as possible (for
example, separate the ground planes on a localized board, even
if the grounds connect to a common point in the system).
Bypass capacitors should be placed as close to device pins as
possible. Usually a multitiered bypassing scheme consisting of a
small high frequency capacitor (100 pF) placed close to the
supply pin and progressively larger capacitors (0.1 µF and 10 µF)
further back to the actual supply source works best.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com