Electronic Components Datasheet Search
  English  ▼

X  

AD9954 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9954
Description  400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9954 Datasheet HTML 19Page - Analog Devices AD9954 Datasheet HTML 20Page - Analog Devices AD9954 Datasheet HTML 21Page - Analog Devices AD9954 Datasheet HTML 22Page - Analog Devices AD9954 Datasheet HTML 23Page - Analog Devices AD9954 Datasheet HTML 24Page - Analog Devices AD9954 Datasheet HTML 25Page - Analog Devices AD9954 Datasheet HTML 26Page - Analog Devices AD9954 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
AD9954
Rev. C | Page 23 of 40
Serial I/O Port
The AD9954 serial port is a flexible, synchronous, serial
communications port that easily interfaces to many industry-
standard microcontrollers and microprocessors. The serial I/O port
is compatible with most synchronous transfer formats, including
both the Motorola 6905/11 SPI® and Intel® 8051 SSR protocols.
The interface accesses all registers that configure the AD9954. MSB
first and LSB first transfer formats are supported. In addition, the
AD9954’s serial interface port can be configured as a single pin I/O
(SDIO), which allows a 2-wire interface, or two unidirectional pins
for in/out (SDIO/SDO), which enables a 3-wire interface. Two
optional pins, IOSYNC and CS, provide further flexibility for
system design with the AD9954.
SERIAL PORT OPERATION
With the AD9954, the instruction byte specifies read/write
operation and register address. Serial operations on the AD9954
only occur at the register level, they do not occur on the byte
level. For the AD9954, the serial port controller recognizes the
instruction byte register address and automatically generates the
proper register byte address. In addition, the controller expects
to access all bytes of that register. It is a requirement that all
bytes of a register be accessed during serial I/O operations, with
one exception; the IOSYNC function can be used to abort an
I/O operation, thereby allowing less than all bytes to be
accessed.
There are two phases to a communication cycle with the
AD9954. Phase 1 is the instruction cycle, which is the writing of
an instruction byte into the AD9954, coincident with the first
eight SCLK rising edges. The instruction byte provides the
AD9954 serial port controller with information regarding
Phase 2, the data transfer cycle. The instruction byte defines
whether the upcoming data transfer is a read or a write and the
serial address of the register being accessed.
The first eight SCLK rising edges of each communication cycle
are used to write the instruction byte into the AD9954. The
remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the AD9954
and the system controller. The number of bytes transferred
during Phase 2 of the communication cycle is a function of the
register being accessed. For example, when accessing the Control
Function Register 2, which is three bytes wide, Phase 2 requires that
three bytes be transferred. If accessing the frequency tuning word,
which is four bytes wide, four bytes must be transferred. After
transferring all data bytes per the instruction byte, the
communication cycle is complete.
At the completion of any communication cycle, the AD9954
serial port controller expects the next eight rising SCLK edges
to be the instruction byte of the next communication cycle. All
data input to the AD9954 is registered on the rising edge of
SCLK. All data is driven out of the AD9954 on the falling edge
of SCLK. Figure 25 through Figure 28 are provided to aid in
understanding the general operation of the AD9954 serial port.
I6
I5
I4
I3
I2
I1
D5
D4
D3
D2
D1
D0
I0
D7
D6
I7
INSTRUCTION CYCLE
SCLK
SDIO
DATA TRANSFER CYCLE
CS
Figure 25. Serial Port Write Timing–Clock Stall Low
I6
I5
I4
I3
I2
I1
I0
DON'T CARE
I7
INSTRUCTION CYCLE
SCLK
SDIO
DATA TRANSFER CYCLE
DO 5 DO 4 DO 3 DO 2 DO 1
DO 0
DO 7 DO 6
SDO
CS
Figure 26. 3-Wire Serial Port Read Timing–Clock Stall Low
I6
I5
I4
I3
I2
I1
D5
D4
D3
D2
D1
D0
I0
D7
D6
I7
INSTRUCTION CYCLE
SCLK
SDIO
DATA TRANSFER CYCLE
CS
Figure 27. Serial Port Write Timing–Clock Stall High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com