Electronic Components Datasheet Search
  English  ▼

X  

AD9954 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9954
Description  400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9954 Datasheet HTML 16Page - Analog Devices AD9954 Datasheet HTML 17Page - Analog Devices AD9954 Datasheet HTML 18Page - Analog Devices AD9954 Datasheet HTML 19Page - Analog Devices AD9954 Datasheet HTML 20Page - Analog Devices AD9954 Datasheet HTML 21Page - Analog Devices AD9954 Datasheet HTML 22Page - Analog Devices AD9954 Datasheet HTML 23Page - Analog Devices AD9954 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD9954
Data Sheet
Rev. C | Page 20 of 40
The last method in which the sweep ramp rate timer can be
reset is changing from inactive linear sweep mode to active
linear sweep mode using the linear sweep enable bit (CFR1<21>).
For methods two and three, the ramp rate timer loads a value
determined by the state of PS0 (0 = FSRRW, 1 = RSRRW).
Power-Down Functions of the AD9954
The AD9954 supports an externally controlled (or hardware)
power-down feature as well as software-programmable power-
down bits capable of individually powering down specific unused
circuit blocks.
Software-controlled power-down enables individual powering
down of the DAC, comparator, PLL, input clock circuitry, and
the digital logic (CFR1<7:4>). With the exception of CFR1<6>,
these bits are superseded when the externally controlled power-
down pin (PWRDWNCTL) is high. External power-down
control is supported on the AD9954 via the PWRDWNCTL
input pin. When the PWRDWNCTL input pin is high, the
AD9954 enters a power-down mode based on the CFR1<3> bit.
When the PWRDWNCTL input pin is low, it operates normally.
See CFR1<3> in Table 12 for details.
Table 9 details the logic level for each power-down bit that
drives out of the AD9954 core logic to the analog section and
the digital clock generation section of the chip for the external
power-down operation.
Table 9. Power-Down Control Functions
Control
Mode Active
Description
PWRDWNCTL = 0, CFR1<3> don’t care
Software control
Digital power-down = CFR1<7>
Comparator power-down = CFR1<6>
DAC power-down = CFR1<5>
Clock input power-down = CFR1<4>
PWRDWNCTL = 1, CFR1<3> = 0
External control, fast recovery
power-down mode
Digital power-down = 1’b1
Comparator power-down = 1’b0 or CFR1<6>
DAC power-down = 1’b0
Clock input power-down = 1’b0
PWRDWNCTL = 1, CFR1<3> = 1
External control, full power-down
mode
Digital power-down = 1’b1
Comparator power-down = 1’b1
DAC power-down = 1’b1
Clock input power-down = 1’b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com