Electronic Components Datasheet Search
  English  ▼

X  

843021 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 843021
Description  FemtoClock Crystal-to-3.3V LVPECL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843021 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 843021 Datasheet HTML 2Page - Integrated Device Technology 843021 Datasheet HTML 3Page - Integrated Device Technology 843021 Datasheet HTML 4Page - Integrated Device Technology 843021 Datasheet HTML 5Page - Integrated Device Technology 843021 Datasheet HTML 6Page - Integrated Device Technology 843021 Datasheet HTML 7Page - Integrated Device Technology 843021 Datasheet HTML 8Page - Integrated Device Technology 843021 Datasheet HTML 9Page - Integrated Device Technology 843021 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FEMTOCLOCK® CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
6
Rev D 9/25/15
843021 DATA SHEET
Applications Information
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter performance,
power supply isolation is required. The 843021 provides separate
power supplies to isolate any high switching noise from the outputs
to the internal PLL. VCC and VCCA should be individually connected
to the power supply plane through vias, and 0.01µF bypass
capacitors should be used for each pin. Figure 1 illustrates this for a
generic VCC pin and also shows that VCCA requires that an additional
10
 resistor along with a 10F bypass capacitor be connected to the
VCCA pin.
Figure 1. Power Supply Filtering
Crystal Input Interface
The 843021 has been characterized with 18pF parallel resonant
crystals. The capacitor values, C1 and C2, shown in Figure 2 below
were determined using a 25MHz, 18pF parallel resonant crystal and
were chosen to minimize the ppm error. The optimum C1 and C2
values can be slightly adjusted for different board layouts.
Figure 2. Crystal Input Interface
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
C1
33pF
C2
27pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com