Electronic Components Datasheet Search
  English  ▼

X  

843021 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 843021
Description  FemtoClock Crystal-to-3.3V LVPECL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843021 Datasheet(HTML) 1 Page - Integrated Device Technology

  843021 Datasheet HTML 1Page - Integrated Device Technology 843021 Datasheet HTML 2Page - Integrated Device Technology 843021 Datasheet HTML 3Page - Integrated Device Technology 843021 Datasheet HTML 4Page - Integrated Device Technology 843021 Datasheet HTML 5Page - Integrated Device Technology 843021 Datasheet HTML 6Page - Integrated Device Technology 843021 Datasheet HTML 7Page - Integrated Device Technology 843021 Datasheet HTML 8Page - Integrated Device Technology 843021 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA SHEET
843021 REVISION D 9/25/15
1
©2015 Integrated Device Technology, Inc.
FemtoClock® Crystal-to-3.3V LVPECL
Clock Generator
843021
General Description
The 843021 is a Gigabit Ethernet Clock Generator. The ICS84302
uses a 25MHz crystal to synthesize 125MHz. The 843021has
excellent phase jitter performance, over the 1.875MHz – 20MHz
integration range. The 843021is packaged in a small 8-pin TSSOP,
making it ideal for use in systems with limited board space.
Features
• One differential 3.3V LVPECL output
• Crystal oscillator interface designed for 22.4MHz – 28MHz, 18pF
parallel resonant crystal
• Output frequency range: 112MHz – 140MHz
• VCO range: 560MHz – 700MHz
• Output duty cycle range: 49% – 51%
• RMS phase jitter at 125MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.650ps (typical)
Offset
Noise Power
100Hz ..............-94.2 dBc/Hz
1kHz ..............-122.8 dBc/Hz
10kHz ..............-132.2 dBc/Hz
100kHz ..............-131.3 dBc/Hz
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• Industrial temperature information available upon request
Table 1. Frequency Table - Typical Applications
Inputs
Output Frequency Range (MHz)
Crystal Frequency (MHz)
25
125
26.6
133
Pin Assignment
843021
8 Lead TSSOP
4.40mm x 3.0mm x 0.925 package body
G Package
Top View
Block Diagram
OSC
Phase
Detector
VCO
÷5
÷25
(fixed)
Q0
nQ0
XTAL_IN
XTAL_OUT
25MHz
1
2
3
4
8
7
6
5
VCCA
VEE
XTAL_OUT
XTAL_IN
VCC
Q0
nQ0
nc


Similar Part No. - 843021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843021 RENESAS-843021 Datasheet
458Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
logo
Integrated Device Techn...
843021AGILF IDT-843021AGILF Datasheet
894Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
843021AGILFT IDT-843021AGILFT Datasheet
894Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
843021I-01 RENESAS-843021I-01 Datasheet
439Kb / 17P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
9/25/15
More results

Similar Description - 843021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843SDN IDT-ICS843SDN Datasheet
830Kb / 14P
FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
843031I-01 IDT-843031I-01 Datasheet
203Kb / 16P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
ICS843021I IDT-ICS843021I Datasheet
894Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843011C IDT-ICS843011C Datasheet
247Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
843021 RENESAS-843021 Datasheet
458Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843022 RENESAS-843022 Datasheet
402Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843031 RENESAS-843031 Datasheet
415Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/5/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
843251I-04 RENESAS-843251I-04 Datasheet
597Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/29/15
ICS843011C RENESAS-ICS843011C Datasheet
354Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MARCH 12, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com