Electronic Components Datasheet Search
  English  ▼

X  

843021 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 843021
Description  FemtoClock Crystal-to-3.3V LVPECL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843021 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 843021 Datasheet HTML 7Page - Integrated Device Technology 843021 Datasheet HTML 8Page - Integrated Device Technology 843021 Datasheet HTML 9Page - Integrated Device Technology 843021 Datasheet HTML 10Page - Integrated Device Technology 843021 Datasheet HTML 11Page - Integrated Device Technology 843021 Datasheet HTML 12Page - Integrated Device Technology 843021 Datasheet HTML 13Page - Integrated Device Technology 843021 Datasheet HTML 14Page - Integrated Device Technology 843021 Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
FEMTOCLOCK® CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
13
Rev D 9/25/15
843021 DATA SHEET
Ordering Information
Table 11. Ordering Information
NOTE: Parts that are ordered with an "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
843021AGLF
021AL
“Lead-Free” 8 Lead TSSOP
Tube
0
C to 70C
843021AGLFT
021AL
“Lead-Free” 8 Lead TSSOP
Tape & Reel
0
C to 70C
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal
commercial applications. Any other applications, such as those requiring extended temperature ranges, high reliability or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product
for use in life support devices or critical medical instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com