Electronic Components Datasheet Search
  English  ▼

X  

AM457 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AM457
Description  Precision amplifier for bridge circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM457 Datasheet(HTML) 3 Page - Analog Microelectronics

  AM457 Datasheet HTML 1Page - Analog Microelectronics AM457 Datasheet HTML 2Page - Analog Microelectronics AM457 Datasheet HTML 3Page - Analog Microelectronics AM457 Datasheet HTML 4Page - Analog Microelectronics AM457 Datasheet HTML 5Page - Analog Microelectronics AM457 Datasheet HTML 6Page - Analog Microelectronics AM457 Datasheet HTML 7Page - Analog Microelectronics AM457 Datasheet HTML 8Page - Analog Microelectronics AM457 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Precision amplifier for bridge circuits
AM457
analog microelectronics
May 2005
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 – 0
3/10
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.2
Internet: www.analogmicro.de
Email:
info@analogmicro.de
FEATURES
• High input sensitivity
• Wide differential input voltage range
(
±5...±100mV FS)
• Low offset
• Low offset drift
• Low input noise
• High CMRR: > 120dB
• Wide operating temperature range:
-40... +125°C
• Adjustable output voltage
• Rail-to-rail output stage:
VOUT = 0.2V ... Vcc – 0.2V
• Sink/source output
• Single ratiometric supply: VCC = 5V
• Integrated current source: ≤ 2mA
• Integrated diagnostic unit
• Separate function groups
• Integrated EMV protective circuitry
• Short-circuit-proofing
• Small-scale design
GENERAL DESCRIPTION
AM457 is a high-precision integrated amplifier which
has been developed to condition signals from small
differential input voltages within a range of a few
millivolts (
±5 to ±100mV FS). The chief component
of the IC is a highly accurate, low-noise amplifier
circuit (AMP). An additional integrated operational
amplifier (OP) can be used to supply a sensing
element with current or record temperature for sensor
bridges powered by voltage, for example. The entire
system (sensing element plus amplifier) is monitored
by the integrated diagnostic unit which logs any
sensing
element
errors
or
defects,
system
undervoltage,
AMP
overloads
and
excessive
temperature. The various function groups are not
mutually dependent on one another; the AMP can be
operated independently of the OP, for example. The
functionality of both component groups (AMP and
OP) is autonomous with regard to the diagnostic unit.
AM457 is a combination of high-impedance precision
amplifier, additional OP and extensive diagnostic unit,
enabling a self-monitoring sensor system to be
assembled using very few components.
BLOCK DIAGRAM
OP
AMP
Temp
V
CC
AM457
1
Diagnostic
unit
4
5
6
7
8
OUTOP
IN+
INOP
GND
OUT
DIAG
VCC
_
1k
9k
Figure 1: Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com