Electronic Components Datasheet Search
  English  ▼

X  

AM457 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AM457
Description  Precision amplifier for bridge circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM457 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AM457 Datasheet HTML 2Page - Analog Microelectronics AM457 Datasheet HTML 3Page - Analog Microelectronics AM457 Datasheet HTML 4Page - Analog Microelectronics AM457 Datasheet HTML 5Page - Analog Microelectronics AM457 Datasheet HTML 6Page - Analog Microelectronics AM457 Datasheet HTML 7Page - Analog Microelectronics AM457 Datasheet HTML 8Page - Analog Microelectronics AM457 Datasheet HTML 9Page - Analog Microelectronics AM457 Datasheet HTML 10Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Precision amplifier for bridge circuits
AM457
analog microelectronics
May 2005
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 – 0
7/10
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.2
Internet: www.analogmicro.de
Email:
info@analogmicro.de
EXAMPLE APPLICATION
Offset and span compensation for a Wheatstone bridge with discrete adjusting resistors.
AM457 is suitable for the amplification of all resistance bridge circuits (four-resistor bridges)
with low sensitivity.
To compensate for or calibrate the offset and span and to amplify the signal as necessary a network
was developed (see Figure 2) for a four-resistor resistance bridge circuit (such as a DMS sensing
element, for example) consisting of the resistance bridge, an AM457 IC, four resistors and a
maximum of six capacitors (see [1]). AM457's characteristics define the network and the IC
amplifies the bridge output signal to the required output values.
Figure 2: Schematic circuit diagram for resistance bridges with low sensitivity
The formulae used here to calibrate the offset and span of a bridge circuit are calculated using a
model which is based on the classic Wheatstone bridge circuit of four resistors.
On the basis of this model three simple equations were approximated for the setting of the resistors;
they are also suitable for calibration using a minimum of data pertinent to the sensing element and
without any need for further correction.
OP
AMP
Temp
V
CC
AM457
1
Diagnostic
unit
2
3
4
5
6
7
8
OUTOP
IN+
INOP
GND
OUT
DIAG
VCC
1k
9k
R
4
R
1
R
3
V=5V
CC
V
DIAG
V
OUT
GND
C
4
C
2
C
6
C
5
C
1
IN-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com