Electronic Components Datasheet Search
  English  ▼

X  

AM457 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AM457
Description  Precision amplifier for bridge circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM457 Datasheet(HTML) 5 Page - Analog Microelectronics

  AM457 Datasheet HTML 1Page - Analog Microelectronics AM457 Datasheet HTML 2Page - Analog Microelectronics AM457 Datasheet HTML 3Page - Analog Microelectronics AM457 Datasheet HTML 4Page - Analog Microelectronics AM457 Datasheet HTML 5Page - Analog Microelectronics AM457 Datasheet HTML 6Page - Analog Microelectronics AM457 Datasheet HTML 7Page - Analog Microelectronics AM457 Datasheet HTML 8Page - Analog Microelectronics AM457 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Precision amplifier for bridge circuits
AM457
analog microelectronics
May 2005
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 – 0
5/10
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.2
Internet: www.analogmicro.de
Email:
info@analogmicro.de
Error Monitoring (Diagnosis)
Output Voltage on Error (high)
VDIAG
VCC – 0.2
V
Output Voltage without Error (low)
VDIAG
GND+ 0.2
V
Output Current on Error
IERR
VDIAG = 2.5V
1.5
3.5
6
µA
Output Current without Error
INOERR
VDIAG = 2.5V
-6
-3.5
-1.5
µA
Threshold for Temperature Error Monitor-
ing
TERR
105
143
°C
Threshold for Output Current (AMP) Error
Monitoring
IIA,ERR
250
800
µA
Threshold for Supply Voltage Error
Monitoring
VCC,ERR
3.8
4.3
V
Threshold for High Input Voltage (AMP)
Error Monitoring
VIN,high,ERR
With regard to the sensing element
VCC – 1.8
VCC – 0.8
V
Threshold for Low Input Voltage (AMP)
Error Monitoring
VIN,low,ERR
0.4
0.9
V
Operational Amplifier (OP)
Offset Voltage
VOS
±4
±8
mV
VOS vs. Temperature
dVOS/dT
Tamb= -45…105°C
±10
±40
µV/°C
VOS vs. Temperature
dVOS/dT
Tamb= 105…125°C
±320
µV
Input Bias Current
IB
80
300
nA
IB vs. Temperature
dIB/dT
Tamb= -45…125°C
100
400
pA/°C
Input Resistance
RIN
VCM / IB,typ (VCM = 0.5V)
6.25
M
Input Capacitance
CIN
30
pF
Common Mode Input Range
CMIR
0
0.5
1
V
Open Loop Gain
G0
I0ut =0.1mA
90
110
dB
G0.2mA
I0ut =2mA
75
90
dB
Output Voltage Range
VOUT
0
VCC – 0.2
V
Output Source Current
IOUT
PNP Open Collector Output
2
mA
Output Load Capacitance
C1
1
5
nF
Gain Bandwidth Product
GBW
GGAIN = 10; C1 = 1nF; RL = 1.25kΩ
0.9
1.4
MHz
Slew Rate
SR
GGAIN = 100; C1 = 1nF; RL = 25kΩ
0.2
0.7
V/µs
Table 1: Specifications
Currents flowing into the IC are negative. Positive input of the operational amplifier (fixed internally): 0.1⋅VCC
VCM Input Common Mode Voltage
CIRCUIT
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
AMP Output Capacitor
C1
1
5
nF
Compensation Capacitor
C2
100
pF
DIAG Output Capacitor (optional)
C3
3.3
nF
OP Output Capacitor (optional)
C4
1
5
nF
Stabilization Capacitor (optional)
C5
100
nF
EMV Protection Capacitor (optional)
C6
470
pF
Load Resistor
RL
20
k
Table 2: Circuit Components
Recommendation: Ceramic capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com