Electronic Components Datasheet Search
  English  ▼

X  

KGL4201 Datasheet(PDF) 21 Page - OKI electronic componets

Part # KGL4201
Description  10-Gbps GaAs Family High-Speed Optical Communications System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGL4201 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button KGL4201 Datasheet HTML 16Page - OKI electronic componets KGL4201 Datasheet HTML 17Page - OKI electronic componets KGL4201 Datasheet HTML 18Page - OKI electronic componets KGL4201 Datasheet HTML 19Page - OKI electronic componets KGL4201 Datasheet HTML 20Page - OKI electronic componets KGL4201 Datasheet HTML 21Page - OKI electronic componets KGL4201 Datasheet HTML 22Page - OKI electronic componets KGL4201 Datasheet HTML 23Page - OKI electronic componets KGL4201 Datasheet HTML 24Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– s GHDD4414 s
19
Oki Semiconductor
PHASE DETECTION BETWEEN SIGNAL AND CLOCK AT 10 Gbps
TIMING
-270
-180
-90
0
90
180
270
200
250
300
350
400
P1[mV]
P2[mV]
P3[mV]
Error Free Range
Phase Variation (degree)
Data
Clock
200mV/div
25ps/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com