Electronic Components Datasheet Search
  English  ▼

X  

KGL4201 Datasheet(PDF) 13 Page - OKI electronic componets

Part # KGL4201
Description  10-Gbps GaAs Family High-Speed Optical Communications System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGL4201 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button KGL4201 Datasheet HTML 9Page - OKI electronic componets KGL4201 Datasheet HTML 10Page - OKI electronic componets KGL4201 Datasheet HTML 11Page - OKI electronic componets KGL4201 Datasheet HTML 12Page - OKI electronic componets KGL4201 Datasheet HTML 13Page - OKI electronic componets KGL4201 Datasheet HTML 14Page - OKI electronic componets KGL4201 Datasheet HTML 15Page - OKI electronic componets KGL4201 Datasheet HTML 16Page - OKI electronic componets KGL4201 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
11
Oki Semiconductor
GHDD4411
EX-OR Circuit
GENERAL DESCRIPTION
Oki’s GHDD4411 is a 10-GHz exclusive-OR/NOR circuit designed to function in 10-Gbps high-speed
communication serial bit streams. The EX-OR must operate from both rising and falling edges at an
equivalent speed of 20-Gbps non-return-to-zero (NRZ) signal to extract a 10-Gbps clock from a 10-Gbps
signal. Using closely matched Gilbert cell circuitry, this device operates at over 10 Gbps using DCFL and
SBFL logic from inverted HEMT technology. Internal input 50-
Ω terminations and a self-referencing bias
voltage allow capacitive coupling, simplifying interconnections.
The GHDD4411 EX-OR circuit is high-speed in a 28-pin ceramic flat package with impedance-controlling
ground plane and flush-mounting bottom heat sink.
FEATURES
• EX-OR and EX-NOR: outputs optimized for
performance
• 1.5 V, 0.6 W: lowest power with 50-
Ω interfaces
• Packaged in 28-pin ceramic flat package with
ground plane and heat sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com