Electronic Components Datasheet Search
  English  ▼

X  

KGL4201 Datasheet(PDF) 18 Page - OKI electronic componets

Part # KGL4201
Description  10-Gbps GaAs Family High-Speed Optical Communications System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGL4201 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button KGL4201 Datasheet HTML 14Page - OKI electronic componets KGL4201 Datasheet HTML 15Page - OKI electronic componets KGL4201 Datasheet HTML 16Page - OKI electronic componets KGL4201 Datasheet HTML 17Page - OKI electronic componets KGL4201 Datasheet HTML 18Page - OKI electronic componets KGL4201 Datasheet HTML 19Page - OKI electronic componets KGL4201 Datasheet HTML 20Page - OKI electronic componets KGL4201 Datasheet HTML 21Page - OKI electronic componets KGL4201 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
s GHDD4414 s ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
16
Oki Semiconductor
PIN CONFIGURATION
Pin
Signal
Function
Pin
Signal
Function
1CBS
Clock bias input
15
VB
Power supply (buffer)
2
NC
16
P1
Phase detector output
3CMB
Clock output duty monitor
17
P2
Phase detector ref. output 1
4
NC
18
P3
Phase detector ref. output 2
5VB
Powr supply (buffer)
19
VD
Power supply (logic circuit)
6
GND
20
GND
7DOUT
Data output
21
DIN
Data input
8
GND
22
GND
9NC
23
DBS
Data bias input
10
NC
24
DRF
Data bias reference output
11
NC
25
VD
Power supply (logic circuit)
12
GND
26
GND
13
COUT
Clock output
27
CK
Clock input
14
GND
28
GND
0.3
10.16
14
6
20
28
0.125
2
15
8
0.5
9.6
0.5
0.5
6
±0.1
2.1
±0.1
12
16
±0.1
1.27
Dimensions in mm
1
5
19
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com