Electronic Components Datasheet Search
  English  ▼

X  

ACE00581A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE00581A
Description  Ultra Low Capacitance 4 -Line ESD Protection Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE00581A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE00581A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ACE00581A
Ultra Low Capacitance 4 -Line ESD Protection Array
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reverse Stand – Off Voltage
VRWM
5
V
Forward Voltage @ IF
VF
IF= 10mA
0.45
0.86
1.2
V
Reverse Breakdown Voltage
VBR
It = 1mA
6.0
7.5
V
Reverse Leakage Current
IR
VRWM = 5V , T=25℃
0.02
1
μA
Clamping Voltage
VC
Ipp = 1A ,
tp = 8/20 μs
12
V
Junction Capacitance
Cj
VR= 0V, f = 1MHz
Any I/O pin to Ground
0.5
0.7
pF
VR= 0V, f = 1MHz
Between I/O pins
0.3
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com