Electronic Components Datasheet Search
  English  ▼

X  

ACE00581A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE00581A
Description  Ultra Low Capacitance 4 -Line ESD Protection Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE00581A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE00581A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE00581A
Ultra Low Capacitance 4 -Line ESD Protection Array
VER 1.1
1
Description
The ACE00581A is 4-channel very low capacitance ESD transient voltage suppressor which provides
a very high level of protection for sensitive electronic components that may be subjected to electrostatic
discharge. It is particularly well-suited to protect systems with high speed communication lines from ESD,
EFT, and lighting.
The ACE00581A consists of eight low capacitance steering diodes and a TVS diode in a SLP package.
Each channel of ACE00581A could safely dissipate ESD strikes of ±15KV air discharge as well as ±8KV
contact discharge, meeting the requirement of the IEC 61000-4-2 international standard. Using the
MIL-STD-883 (Method 3015) specification for Human Body Model (HBM) ESD, the device provides
protection for contact discharges to greater than ±8KV.
Features
Transient protection for data lines to
IEC 61000-4-2 (ESD)
±15kV (air)
±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Protects five bidirectional I/O lines
Working voltage: 5V
Low leakage current
Low operating and clamping voltages
Low capacitance: 0.3 pF typical
Applications
Cellular Handsets and Accessories
Cordless Phone
PDA
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
MP3 Player High Definition Multi-Media Interface Protection
HDMI/USB Power and Data Line
Monitors and Notebook Computers
HDSL, IDSL Secondary IC Side Protection
10/100/1000 Ethernet


Similar Part No. - ACE00581A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE00584A ACE-ACE00584A Datasheet
332Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
VER 1.1
More results

Similar Description - ACE00581A

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE6V8UD SYNC-POWER-SPE6V8UD Datasheet
287Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UF SYNC-POWER-SPE6V8UF Datasheet
250Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UW SYNC-POWER-SPE6V8UW Datasheet
253Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UD SYNC-POWER-SPE6V8UD_12 Datasheet
253Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE0583 SYNC-POWER-SPE0583 Datasheet
181Kb / 7P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE0584 SYNC-POWER-SPE0584 Datasheet
157Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UF SYNC-POWER-SPE6V8UF_11 Datasheet
223Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UH SYNC-POWER-SPE6V8UH_11 Datasheet
229Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UW SYNC-POWER-SPE6V8UW_11 Datasheet
239Kb / 7P
Ultra Low Capacitance 4 -Line ESD Protection Array
SPE0581 SYNC-POWER-SPE0581 Datasheet
263Kb / 6P
Ultra Low Capacitance 4 -Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com