Electronic Components Datasheet Search
  English  ▼

X  

ACE00581A Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE00581A
Description  Ultra Low Capacitance 4 -Line ESD Protection Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE00581A Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE00581A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE00581A Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ACE00581A
Ultra Low Capacitance 4 -Line ESD Protection Array
VER 1.1
4
Schematic & Pin Configuration
As Figure Shown is an example of how to route the high speed differential traces through the
ACE00581A.The solid line represents the PCB trace. The PCB traces are used to connect the pin pairs
for each line (pin 1 to pin 10, pin 2 to pin 9, pin 4 to pin 7, pin 5 to pin 6). For example, line 1 enters at pin 1
and exits at Pin 10 and the PCB trace connects pin 1 and 10 together. This is true for lines connected at
pins2, 4, and 5 also. Ground is connected at pins3 and 8. One large ground pad should be used in lieu of
two separate pads.
Application Information (Design Recommendations for HDMI Protection)
Adding external ESD protection to HDMI ports can be challenging. First, ESD protection devices have an
inherent junction capacitance. However, adding even a small amount of capacitance will cause the
impedance of the differential pair to drop. Second, large packages and land pattern requirements cause
discontinuities that adversely affect signal integrity. The ACE00581A is specifically designed for protection
of high-speed interfaces such as HDMI. They present <0.35pF capacitance between the pairs while being
rated to handle +/-8KV ESD contact discharges (15KVair discharge) as outlined in IEC61000-4-2. Each
device is in a leadless DFN package that is less than 1.1mm wide. They are designed such that the traces
flow straight through the device. The narrow package and flow-through design reduces discontinuities
and minimizes impact on signal integrity. This becomes even more critical as signal speed increased.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com