Electronic Components Datasheet Search
  English  ▼

X  

PAM8003DR Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8003DR
Description  FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8003DR Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8003DR Datasheet HTML 1Page - Diodes Incorporated PAM8003DR Datasheet HTML 2Page - Diodes Incorporated PAM8003DR Datasheet HTML 3Page - Diodes Incorporated PAM8003DR Datasheet HTML 4Page - Diodes Incorporated PAM8003DR Datasheet HTML 5Page - Diodes Incorporated PAM8003DR Datasheet HTML 6Page - Diodes Incorporated PAM8003DR Datasheet HTML 7Page - Diodes Incorporated PAM8003DR Datasheet HTML 8Page - Diodes Incorporated PAM8003DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PAM8003
Document number: DS36421 Rev. 2 - 2
4 of 12
www.diodes.com
May 2017
© Diodes Incorporated
PAM8003
Electrical Characteristics (@TA = +25°C, VDD = 5V, Gain = 24dB, RL = 8Ω, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIN
Supply Power
-
-
2.5
-
5.5
V
PO
Output Power
THD+N = 10%, f = 1kHz, RL = 4Ω
VDD = 5.0V
-
2.5
-
W
THD+N = 1%, f = 1kHz, RL = 4Ω
VDD = 5.0V
-
2.2
-
W
THD+N = 10%, f = 1kHz, RL = 8Ω
VDD = 5.0V
-
1.65
-
W
THD+N = 1%, f = 1kHz, RL = 8Ω
VDD = 5.0V
-
1.3
-
W
THD+N
Total Harmonic Distortion Plus
Noise
VDD = 5.0V, Po = 0.5W, RL = 8Ω
f = 1kHz
-
0.16
-
%
VDD = 3.6V, Po = 0.5W, RL = 8Ω
-
0.12
-
VDD = 5.0V, Po = 1W, RL = 4Ω
f = 1kHz
-
0.17
-
%
VDD = 3.6V, Po = 1W, RL = 4Ω
-
0.26
-
PSRR
Power Supply Ripple Rejection
VDD = 5.0V, Inputs AC-Grounded with
CIN = 0.47μF, Gv = 6dB
f = 1kHz
-
-70
-
dB
CS
Crosstalk
VDD = 5V, Po = 0.5W, RL = 8Ω,
Gv = 20dB
f = 1kHz
-
-93
-
dB
SNR
Signal-to-Noise
VDD = 5V, Gv = 6dB
f = 1kHz
-
86
-
dB
VN
Output Noise
VDD = 5V, Inputs AC-Grounded with
CIN = 0.47μF, GV = 6dB
A-weighting
-
33
-
µV
No A-weighting
-
50
-
η
Efficiency
RL = 8Ω, THD = 10%
f = 1kHz
-
87
-
%
RL = 4Ω, THD = 10%
-
79
-
IQ
Quiescent Current
VDD = 5.0V
No load
-
4.5
7.0
mA
VDD = 3.6V
-
4.0
6.5
VDD = 3.0V
-
3.7
5.5
ISD
Shutdown Current
VDD = 2.5V to 5.5V
-
-
-
1
µA
RDS(ON)
Static Drain-to-Source On-State
Resistor
IDS = 500mA,VGS = 5V
PMOS
-
0.41
-
mΩ
NMOS
-
0.27
-
fsw
Switching Frequency
VDD = 3V to 5V
-
-
210
-
kHz
VOS
Output Offset Voltage
VIN = 0V, VDD = 5V
-
-
10
-
mV
VIH
Enable Input High Voltage
VDD = 5.0V
-
1.5
-
-
V
VIL
Enable Input Low Voltage
VDD = 5.0V
-
-
-
0.4
OTP
Over-temperature Protection
No Load, Junction Temperature
VDD = 5V
-
150
-
°C
OTH
Over-temperature Hysterisis
-
30
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com