Electronic Components Datasheet Search
  English  ▼

X  

PAM8003DR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8003DR
Description  FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8003DR Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8003DR Datasheet HTML 1Page - Diodes Incorporated PAM8003DR Datasheet HTML 2Page - Diodes Incorporated PAM8003DR Datasheet HTML 3Page - Diodes Incorporated PAM8003DR Datasheet HTML 4Page - Diodes Incorporated PAM8003DR Datasheet HTML 5Page - Diodes Incorporated PAM8003DR Datasheet HTML 6Page - Diodes Incorporated PAM8003DR Datasheet HTML 7Page - Diodes Incorporated PAM8003DR Datasheet HTML 8Page - Diodes Incorporated PAM8003DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PAM8003
Document number: DS36421 Rev. 2 - 2
1 of 12
www.diodes.com
May 2017
© Diodes Incorporated
PAM8003
FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
Description
The PAM8003 is a 2.5W, Class-D audio amplifier. It offers low
THD+N, allowing it to achieve high-quality sound reproduction. The
new filterless architecture allows the device to drive the speaker
directly, requiring no low-pass output filters, thus saving the system
cost and PCB area.
With the same numbers of external components, the efficiency of the
PAM8003 is much better than that of class-AB cousins. It can extend
the battery life, making it ideal for portable applications.
The PAM8003 is available in SO-16 package.
Features
2.5W Output at 10% THD with a 5
Ω Load and 5V Power Supply
Filterless, Low Quiescent Current and Low EMI
Low THD+N
64-Step DC Volume Control
Superior Low Noise
Short Circuit Protection
Thermal Shutdown
Few External Components to Save the Space and Cost
RoHS Pass and Green Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
LCD Monitors / TVs
Notebook Computers
Portable Speakers
Portable DVD Players, Game Machines
Ordering Information
Part Number
Part Marking
Package Type
Standard Package
PAM8003DR
PAM8003
XATYWWLL
SO-16
2,500 Units/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporate
d’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - PAM8003DR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8003DR PAM-PAM8003DR Datasheet
62Kb / 1P
Filterless 2W Class-D Stereo Audio Amplifier
More results

Similar Description - PAM8003DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
2.5W Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A_13 Datasheet
515Kb / 15P
2.5W Filterless Class-D Mono Audio Amplifier
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674 TI1-LM4674 Datasheet
1Mb / 27P
LM4674 Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com