Electronic Components Datasheet Search
  English  ▼

X  

PAM8003DR Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8003DR
Description  FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8003DR Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8003DR Datasheet HTML 1Page - Diodes Incorporated PAM8003DR Datasheet HTML 2Page - Diodes Incorporated PAM8003DR Datasheet HTML 3Page - Diodes Incorporated PAM8003DR Datasheet HTML 4Page - Diodes Incorporated PAM8003DR Datasheet HTML 5Page - Diodes Incorporated PAM8003DR Datasheet HTML 6Page - Diodes Incorporated PAM8003DR Datasheet HTML 7Page - Diodes Incorporated PAM8003DR Datasheet HTML 8Page - Diodes Incorporated PAM8003DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM8003
Document number: DS36421 Rev. 2 - 2
2 of 12
www.diodes.com
May 2017
© Diodes Incorporated
PAM8003
Typical Applications Circuit
Pin Descriptions
Pin
Number
Pin
Name
Function
1
PVDDL
Left Channel Power Supply
2
-OUTL
Left Channel Negative Output
3
PGNDL
Left Channel Power GND
4
+OUTL
Left Channel Positive Output
5
SHDN
Shutdown Control Input (active low)
6
VREF
Internal Analog Reference, Connect a Bypass Capacitor from VREF to GND
7
INL
Left Channel Input
8
GND
Analog Ground
9
VDD
Analog Power Supply
10
INR
Right Channel Input
11
NC
Not Connected
12
VOLUME
DC Volume Control to Set the Gain of Class-D
13
+OUTR
Right Channel Positive Output
14
PGNDR
Right Channel Power GND
15
-OUTR
Right Channel Negative Output
16
PVDDR
Right Channel Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com