Electronic Components Datasheet Search
  English  ▼

X  

PAM8100 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8100
Description  3-VRMS Line Driver with Adjustable Gain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8100 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8100 Datasheet HTML 1Page - Diodes Incorporated PAM8100 Datasheet HTML 2Page - Diodes Incorporated PAM8100 Datasheet HTML 3Page - Diodes Incorporated PAM8100 Datasheet HTML 4Page - Diodes Incorporated PAM8100 Datasheet HTML 5Page - Diodes Incorporated PAM8100 Datasheet HTML 6Page - Diodes Incorporated PAM8100 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PAM8100
Document number: DS36986 Rev. 1 - 2
4 of 7
www.diodes.com
December 2015
© Diodes Incorporated
PAM8100
Performance Characteristics (@TA=+25°C, VDD=3.3V, C(PUMP)=C(PVSS) =1μF , CIN=2.2μF, RIN=15 kΩ, Rfb=30kΩ,unless
otherwise specified.)
THD+N vs. Output Voltage (RL=10k
Ω)
THD+N vs. Output Voltage (RL=600
Ω)
THD+N vs. Frequency (RL=10k
Ω)
THD+N vs. Frequency (RL=600
Ω)
Crosstalk vs. Frequency (RL=10k
Ω)
Gain vs. Frequency (RL=10k
Ω)
f=100Hz/1kHz/10kHz
(Red/Pink/Blue)
-130
-70
-124
-118
-112
-106
-100
-94
-88
-82
-76
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VO=1Vrms, Vref=1V
Red---Left to Right
Blue---Right to Left
+0
+8
+1.6
+3.2
+4.8
+6.4
d
B
g
A
20
30k
50
100
200
500
1k
2k
5k
10k
20k
Hz
0.002
1
0.005
0.01
0.02
0.05
0.1
0.2
0.5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VO=0.5Vrms/1 Vrms /2 Vrms
(Red/Pink/Blue)
0.003
10
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
3
200m
300m
400m 500m
700m
1
2
V
f=100Hz/1kHz/10kHz
(Red/Pink/Blue)
0.0009
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
3
200m
300m
400m 500m
700m
1
2
V
f=100Hz/1kHz/10kHz
(Red/Pink/Blue)
0.0006
1
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VO=0.5Vrms/1 Vrms /2 Vrms
(Red/Pink/Blue)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com