Electronic Components Datasheet Search
  English  ▼

X  

PAM8100 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8100
Description  3-VRMS Line Driver with Adjustable Gain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8100 Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8100 Datasheet HTML 1Page - Diodes Incorporated PAM8100 Datasheet HTML 2Page - Diodes Incorporated PAM8100 Datasheet HTML 3Page - Diodes Incorporated PAM8100 Datasheet HTML 4Page - Diodes Incorporated PAM8100 Datasheet HTML 5Page - Diodes Incorporated PAM8100 Datasheet HTML 6Page - Diodes Incorporated PAM8100 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PAM8100
Document number: DS36986 Rev. 1 - 2
5 of 7
www.diodes.com
December 2015
© Diodes Incorporated
PAM8100
Ordering Information
PAM8100 X X X
R: TSSOP
R: 14 Pin
R: Tape & Real
Part Number
Package Type
Shipping
PAM8100RRR
TSSOP-14
2,500/Tape & Real
Marking Information
TSSOP-14
Pin Configuration
Shipping Package
Package Type
XXX: Internal Code
Y: Year: 1, 2, 3 ~
W: Week: "A~Z" means week
1 to week 26; "a~y" mean
week 27 to 51, "z" means 52
and 53



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com