Electronic Components Datasheet Search
  English  ▼

X  

PAM8100 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PAM8100
Description  3-VRMS Line Driver with Adjustable Gain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8100 Datasheet(HTML) 6 Page - Diodes Incorporated

  PAM8100 Datasheet HTML 1Page - Diodes Incorporated PAM8100 Datasheet HTML 2Page - Diodes Incorporated PAM8100 Datasheet HTML 3Page - Diodes Incorporated PAM8100 Datasheet HTML 4Page - Diodes Incorporated PAM8100 Datasheet HTML 5Page - Diodes Incorporated PAM8100 Datasheet HTML 6Page - Diodes Incorporated PAM8100 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PAM8100
Document number: DS36986 Rev. 1 - 2
6 of 7
www.diodes.com
December 2015
© Diodes Incorporated
PAM8100
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pay Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
TSSOP-14
Dim
Min
Max
a1
7° (4X)
a2
0
8°
A
4.9
5.10
B
4.30
4.50
C

1.2
D
0.8
1.05
F
1.00 Typ
F1
0.45
0.75
G
0.65 Typ
K
0.19
0.30
L
6.40 Typ
All Dimensions in mm
Dimensions Value (in mm)
X
0.45
Y
1.45
C1
5.9
C2
0.65
G
L
A
K
a1
D
C
F
F1
Pin# 1 Indent
Detail ‘A’
Detail ‘A’
Gauge Plane
Seating Plane
B
X
C1
C2
Y



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com