Electronic Components Datasheet Search
  English  ▼

X  

PAM8106 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PAM8106
Description  10W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8106 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PAM8106 Datasheet HTML 5Page - Diodes Incorporated PAM8106 Datasheet HTML 6Page - Diodes Incorporated PAM8106 Datasheet HTML 7Page - Diodes Incorporated PAM8106 Datasheet HTML 8Page - Diodes Incorporated PAM8106 Datasheet HTML 9Page - Diodes Incorporated PAM8106 Datasheet HTML 10Page - Diodes Incorporated PAM8106 Datasheet HTML 11Page - Diodes Incorporated PAM8106 Datasheet HTML 12Page - Diodes Incorporated PAM8106 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PAM8106
Document number: DS40457 Rev. 1 - 2
11 of 13
www.diodes.com
March 2018
© Diodes Incorporated
PAM8106
Ordering Information
PAM8106 X X X
R: Tape & Reel
Shipping Package
T: QFN5x5-32L
Package Type
Pin Configuration
V : 32 pin
Part Number
Part Marking
Package Type
Standard Package
PAM8106TVR
PAM8106
XXXYWWLL
W-QFN5050-32
(Standard)
3,000 Units/Tape & Reel
Marking Information
1
2
3
4
5
6
7
8
RINN
RINP
AVDD
NC
NC
LINP
LINN
11
12
13
14
15
16
17
18
PL
NC
VCLAMP
19
20
21
22
23
24
25
26
27
28
29
AVCC
V2P5
AGND
SD
30
31
32
9
10
PAM8106
XXXYWWLL
MUT E
NC
XXX : Internal Code
Y
: Year (0 ~9)
WW : Week (01 ~53)
LL
: Internal Code
SSMCTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com